Electronic Components Datasheet Search
  English  ▼

X  

AD8285 Datasheet(PDF) 19 Page - Analog Devices

Part # AD8285
Description  Radar Receive Path AFE - 4-Channel LNA/PGA/AAF with ADC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8285 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD8285 Datasheet HTML 15Page - Analog Devices AD8285 Datasheet HTML 16Page - Analog Devices AD8285 Datasheet HTML 17Page - Analog Devices AD8285 Datasheet HTML 18Page - Analog Devices AD8285 Datasheet HTML 19Page - Analog Devices AD8285 Datasheet HTML 20Page - Analog Devices AD8285 Datasheet HTML 21Page - Analog Devices AD8285 Datasheet HTML 22Page - Analog Devices AD8285 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
Data Sheet
AD8285
Rev. B | Page 19 of 27
SERIAL PERIPHERAL INTERFACE (SPI)
The AD8285 serial peripheral interface allows the user to configure
the signal chain for specific functions or operations through a
structured register space provided inside the chip. The SPI offers
added flexibility and customization depending on the application.
Addresses are accessed via the serial port and can be written to
or read from via the port. Memory is organized into bytes that
can be further divided into fields, as documented in the Memory
Map section. Detailed operational information can be found in
the AN-877 Application Note, Interfacing to High Speed ADCs
via SPI.
Three pins define the serial peripheral interface (SPI): SCLK,
SDIO, and CS. The SCLK (serial clock) pin is used to synchronize
the read and write data presented to the device. The SDIO (serial
data input/output) pin is a dual purpose pin that allows data to
be sent to and read from the internal memory map registers of
the device. The CS (chip select bar) pin is an active low control
that enables or disables the read and write cycles (see Table 7).
Table 7. Serial Port Pins
Pin
Function
SCLK
Serial clock. The serial shift clock input. SCLK is used
to synchronize serial interface reads and writes.
SDIO
Serial data input/output. A dual-purpose pin. The
typical role for this pin is as an input or output,
depending on the instruction sent and the relative
position in the timing frame.
CS
Chip select bar (active low). This control gates the
read and write cycles.
The falling edge of the CS in conjunction with the rising edge of
the SCLK determines the start of the framing sequence. During
an instruction phase, a 16-bit instruction is transmitted, followed
by one or more data bytes, which is determined by Bit Field W0
and Bit Field W1. An example of the serial timing and its
definitions can be found in Figure 32 and Table 8.
In normal operation, CS signals to the device that SPI
commands are to be received and processed. When CS is brought
low, the device processes SCLK and SDIO to process instructions.
Normally, CS remains low until the communication cycle is
complete. However, if connected to a slow device, CS can be
brought high between bytes, allowing older microcontrollers
enough time to transfer data into shift registers. CS can be
stalled when transferring one, two, or three bytes of data. When
W0 and W1 are set to 11, the device enters streaming mode and
continues to process data, either reading or writing, until CS is
taken high to end the communication cycle. This allows
complete memory transfers without having to provide
additional instructions.
Regardless of the mode, if CS is taken high in the middle of any
byte transfer, the SPI state machine is reset, and the device waits
for a new instruction.
In addition to the operation modes, the SPI port can be
configured to operate in different modes. For applications that
do not require a control port, the CS line can be tied and held
high. This places the remainder of the SPI pins in their secondary
mode, as is defined in the SDIO Pin section and the SCLK Pin
section. The CS pin can also be tied low to enable 2-wire mode.
When CS is tied low, SCLK and SDIO are the only pins required
for communication. Although the device is synchronized during
power-up, caution must be exercised when using this mode to
ensure that the serial port remains synchronized with the CS line.
When operating in 2-wire mode, it is recommended to use a 1-,
2-, or 3-byte transfer exclusively. Without an active CS line,
streaming mode can be entered but not exited.
In addition to word length, the instruction phase determines if
the serial frame is a read or write operation, allowing the serial
port to be used to both program the chip and read the contents
of the on-chip memory. If the instruction is a readback operation,
performing a readback causes the serial data input/output (SDIO)
pin to change direction from an input to an output at the
appropriate point in the serial frame.
Data can be sent in MSB- or LSB-first mode. MSB-first mode is
the default at power-up and can be changed by adjusting the
configuration register. For more information about this and
other features, see the AN-877 Application Note, Interfacing to
High Speed ADCs via SPI.
HARDWARE INTERFACE
The pins described in Table 7 constitute the physical interface
between the programming device of the user and the serial port
of the AD8285. The SCLK and CS pins function as inputs when
using the SPI interface. The SDIO pin is bidirectional, functioning
as an input during write phases and as an output during readback.
This interface is flexible enough to be controlled by either serial
PROMs or PIC microcontrollers. This flexibility provides the user
with an alternative method, other than a full SPI controller, for
programming the device (see the AN-812 Application Note).
If the user chooses not to use the SPI interface, these pins serve
a dual function and are associated with secondary functions
when the CS is strapped to AVDD33 during device power-up.
See the SDIO Pin section and SCLK Pin section for details on
which pin strappable functions are supported on the SPI pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com