Electronic Components Datasheet Search
  English  ▼

X  

ADA8282 Datasheet(PDF) 4 Page - Analog Devices

Part # ADA8282
Description  6-Channel LNA/PGA/AAF with ADC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA8282 Datasheet(HTML) 4 Page - Analog Devices

  ADA8282 Datasheet HTML 1Page - Analog Devices ADA8282 Datasheet HTML 2Page - Analog Devices ADA8282 Datasheet HTML 3Page - Analog Devices ADA8282 Datasheet HTML 4Page - Analog Devices ADA8282 Datasheet HTML 5Page - Analog Devices ADA8282 Datasheet HTML 6Page - Analog Devices ADA8282 Datasheet HTML 7Page - Analog Devices ADA8282 Datasheet HTML 8Page - Analog Devices ADA8282 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
AD8283
Data Sheet
Rev. C | Page 4 of 27
AD8283W
Parameter1
Conditions
Min
Typ
Max
Unit
ADC
Resolution
12
Bits
Max Sample Rate
72
MSPS
Signal-to-Noise Ratio (SNR)
fIN = 1 MHz
68.5
dB
Signal-to-Noise and Distortion
(SINAD)
66
dB
SNRFS
68
dB
Differential Nonlinearity (DNL)
Guaranteed no missingcodes
1
LSB
Integral Nonlinearity (INL)
10
LSB
Effective Number of Bits (ENOB)
10.67
LSB
ADC Output Characteristics
Maximum Cap Load
Per bit
20
pF
IDVDD33 Peak Current with Cap Load
Peak current per bit when driving a
20 pF load; can be programmedvia
the SPI port if required
40
mA
ADC REFERENCE
Output VoltageError
VREF = 1.024 V
±25
mV
LoadRegulation
At 1.0 mA, VREF = 1.024 V
2
mV
Input Resistance
6
kΩ
FULL CHANNEL CHARACTERISTICS
LNA, PGA, AAF, and ADC
SNRFS
FIN = 1 MHz
Gain = 16 dB
68
dB
Gain = 22 dB
68
dB
Gain = 28 dB
68
dB
Gain = 34 dB
66
dB
SINAD
FIN = 1 MHz
Gain = 16 dB
67
dB
Gain = 22 dB
68
dB
Gain = 28 dB
67
dB
Gain = 34 dB
66
dB
SFDR
FIN = 1 MHz
Gain = 16 dB
68
dB
Gain = 22 dB
74
dB
Gain = 28 dB
74
dB
Gain = 34 dB
73
dB
Harmonic Distortion
Second Harmonic
FIN =1 MHz at −10 dBFS, gain = 16 dB
−70
dBc
FIN =1 MHz at −10 dBFS, gain = 34 dB
−70
dBc
Third Harmonic
FIN =1 MHz at −10 dBFS, gain = 16 dB
−66
dBc
FIN =1 MHz at −10 dBFS, gain = 34 dB
−75
dBc
IM3 Distortion
FIN1 = 1 MHz, FIN2 = 1.1 MHz, −1 dBFS,
gain = 34 dB
−69
dBc
Gain Response Time
600
ns
Overdrive Recovery Time
200
ns
1
See the AN-835 Application Note,UnderstandingHighSpeed ADC Testing and Evaluation, for a complete set of definitions and how these tests were completed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com