Electronic Components Datasheet Search
  English  ▼

X  

ADA8282 Datasheet(PDF) 26 Page - Analog Devices

Part # ADA8282
Description  6-Channel LNA/PGA/AAF with ADC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA8282 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADA8282 Datasheet HTML 19Page - Analog Devices ADA8282 Datasheet HTML 20Page - Analog Devices ADA8282 Datasheet HTML 21Page - Analog Devices ADA8282 Datasheet HTML 22Page - Analog Devices ADA8282 Datasheet HTML 23Page - Analog Devices ADA8282 Datasheet HTML 24Page - Analog Devices ADA8282 Datasheet HTML 25Page - Analog Devices ADA8282 Datasheet HTML 26Page - Analog Devices ADA8282 Datasheet HTML 27Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 27 page
background image
AD8283
Data Sheet
Rev. C | Page 26 of 27
CLK+
CLK–
PDWN
SCLK
SDIO
AUX
MUXA
ZSEL
DSYNC
NOTES
1. RESISTOR R (INx– INPUTS) SHOULD MATCH THE OUTPUT IMPEDANCE OF THE INPUT DRIVER.
2. ALL CAPACITORS FOR SUPPLIES AND REFERENCES SHOULD BE PLACED CLOSE TO THE PART.
INC
0.1µF
3.3V
AVDD33REF
0.1µF
AVDD33A
0.1µF
AVDD33B
0.1µF
AVDD33C
0.1µF
AVDD33D
0.1µF
AVDD33E
0.1µF
AVDD33F
0.1µF
3.3V
DVDD33SPI
0.1µF
DVDD33CLK
0.1µF
DVDD33DRV
0.1µF
DVDD33DRV
0.1µF
1.8V
AVDD18
0.1µF
AVDD18
0.1µF
AVDD18ADC
0.1µF
1.8V
DVDD18
0.1µF
DVDD18CLK
0.1µF
INB
0.1µF
0.1µF
INA
INADC+
0.1µF
0.1µF
0.1µF
10kΩ
1%
10kΩ
INADC–
0.1µF
INF
0.1µF
INE
0.1µF
IND
0.1µF
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
NC
NC
DSYNC
PDWN
DVDD18
SCLK
SDIO
CS
AUX
MUXA
ZSEL
TEST1
TEST2
DVDD33SPI
AVDD18
AVDD33A
INA–
17
INA+
18
NC
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
NC
TEST4
DVDD18CLK
CLK+
CLK–
DVDD33CLK
AVDD33REF
VREF
RBIAS
BAND
APOUT
ANOUT
TEST3
AVDD18ADC
AVDD18
INADC+
INADC–
NC
AD8283
(TOP VIEW)
CS
0.1µF
R
Figure 34. Single-Ended Inputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com