Electronic Components Datasheet Search
  English  ▼

X  

ADuC7122BBCZ Datasheet(PDF) 47 Page - Analog Devices

Part # ADuC7122BBCZ
Description  Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuC7122BBCZ Datasheet(HTML) 47 Page - Analog Devices

Back Button ADuC7122BBCZ Datasheet HTML 43Page - Analog Devices ADuC7122BBCZ Datasheet HTML 44Page - Analog Devices ADuC7122BBCZ Datasheet HTML 45Page - Analog Devices ADuC7122BBCZ Datasheet HTML 46Page - Analog Devices ADuC7122BBCZ Datasheet HTML 47Page - Analog Devices ADuC7122BBCZ Datasheet HTML 48Page - Analog Devices ADuC7122BBCZ Datasheet HTML 49Page - Analog Devices ADuC7122BBCZ Datasheet HTML 50Page - Analog Devices ADuC7122BBCZ Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 96 page
background image
Data Sheet
ADuC7122
56B
POWER CONTROL SYSTEM
A choice of operating modes is available on the ADuC7122.
Table 68 describes which blocks of the ADuC7122 are powered
on in the different modes and indicates the power-up time.
Table 69 gives some typical values of the total current
consumption (analog and digital supply currents) in the different
modes, depending on the clock divider bits when the ADC is
turned off. Note that these values also include current consumption
of the regulator and other parts on the test board on which these
values were measured.
Table 68. Operating Modes
Mode
Core
Peripherals
PLL
XTAL/Timer2/Timer3
XIRQ
Start-Up/Power-On Time
Active
On
On
On
On
On
130 ms at CD = 0
Pause
On
On
On
On
24 ns at CD = 0; 3.06 µs at CD = 7
Nap
On
On
On
24 ns at CD = 0; 3.06 µs at CD = 7
Sleep
On
On
1.58 ms
Stop
On
1.7 ms
Table 69. Typical Current Consumption at 25°C
PC[2:0]
Mode
CD = 0
CD = 1
CD = 2
CD = 3
CD = 4
CD = 5
CD = 6
CD = 7
000
Active
30
21.2
13.8
11
8.1
7.2
6.7
6.45
001
Pause
22.7
13.3
8.5
6.1
4.9
4.3
4
3.85
010
Nap
3.8
3.8
3.8
3.8
3.8
3.8
3.8
3.8
011
Sleep
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
100
Stop
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
Rev. A | Page 47 of 96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com