Electronic Components Datasheet Search
  English  ▼

X  

ADuC7122BBCZ Datasheet(PDF) 67 Page - Analog Devices

Part # ADuC7122BBCZ
Description  Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuC7122BBCZ Datasheet(HTML) 67 Page - Analog Devices

Back Button ADuC7122BBCZ Datasheet HTML 63Page - Analog Devices ADuC7122BBCZ Datasheet HTML 64Page - Analog Devices ADuC7122BBCZ Datasheet HTML 65Page - Analog Devices ADuC7122BBCZ Datasheet HTML 66Page - Analog Devices ADuC7122BBCZ Datasheet HTML 67Page - Analog Devices ADuC7122BBCZ Datasheet HTML 68Page - Analog Devices ADuC7122BBCZ Datasheet HTML 69Page - Analog Devices ADuC7122BBCZ Datasheet HTML 70Page - Analog Devices ADuC7122BBCZ Datasheet HTML 71Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 96 page
background image
Data Sheet
ADuC7122
I2C Slave Receive Registers
Name:
I2C0SRX, I2C1SRX
Address:
0xFFFF08B0, 0xFFFF0930
Default Value: 0x00
Access:
Read
Function:
This 8-bit MMR is the I2C slave receive
register.
I2C Slave Transmit Registers
Name:
I2C0STX, I2C1STX
Address:
0xFFFF08B4, 0xFFFF0934
Default Value: 0x00
Access:
Read/write
Function:
This 8-bit MMR is the I2C slave transmit
register.
I2C Hardware General Call Recognition Registers
Name:
I2C0ALT, I2C1ALT
Address:
0xFFFF08B8, 0xFFFF0938
Default Value: 0x00
Access:
Read/write
Function:
This 8-bit MMR is used with hardware general
calls when I2CxSCTL Bit 3 is set to 1. This
register is used in cases where a master is
unable to generate an address for a slave, and
instead, the slave must generate the address for
the master.
I2C Slave Device ID Registers
Name:
I2C0IDx, I2C1IDx
Addresses:
0xFFFF093C = I2C1ID0
0xFFFF08BC = I2C0ID0
0xFFFF0940 = I2C1ID1
0xFFFF08C0 = I2C0ID1
0xFFFF0944 = I2C1ID2
0xFFFF08C4 = I2C0ID2
0xFFFF0948 = I2C1ID3
0xFFFF08C8 = I2C0ID3
Default Value: 0x00
Access:
Read/write
Function:
These 8-bit MMRs are programmed with I2C
bus IDs of the slave. See the I2C Bus Addresses
section for further details.
Rev. A | Page 67 of 96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com