Electronic Components Datasheet Search
  English  ▼

X  

ADuC7122BBCZ Datasheet(PDF) 27 Page - Analog Devices

Part # ADuC7122BBCZ
Description  Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuC7122BBCZ Datasheet(HTML) 27 Page - Analog Devices

Back Button ADuC7122BBCZ Datasheet HTML 23Page - Analog Devices ADuC7122BBCZ Datasheet HTML 24Page - Analog Devices ADuC7122BBCZ Datasheet HTML 25Page - Analog Devices ADuC7122BBCZ Datasheet HTML 26Page - Analog Devices ADuC7122BBCZ Datasheet HTML 27Page - Analog Devices ADuC7122BBCZ Datasheet HTML 28Page - Analog Devices ADuC7122BBCZ Datasheet HTML 29Page - Analog Devices ADuC7122BBCZ Datasheet HTML 30Page - Analog Devices ADuC7122BBCZ Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 96 page
background image
Data Sheet
ADuC7122
7B
ADC CIRCUIT OVERVIEW
The analog-to-digital converter (ADC) incorporates a fast,
multichannel, 12-bit ADC. It can operate from 3.0 V to 3.6 V
supplies and is capable of providing a throughput of up to 1 MSPS
when the clock source is 41.78 MHz. This block provides the
user with a multichannel multiplexer, differential track-and-
hold, on-chip reference, and ADC.
The ADC consists of a 12-bit successive approximation converter
based around two capacitor DACs. Depending on the input
signal configuration, the ADC can operate in one of the
following three modes:
•
Fully differential mode for small and balanced signals
•
Single-ended mode for any single-ended signals
•
Pseudo differential mode for any single-ended signals,
taking advantage of the common-mode rejection offered
by the pseudo differential input
The converter accepts an analog input range of 0 to VREF when
operating in single-ended mode or pseudo differential mode. In
fully differential mode, the input signal must be balanced around
a common-mode voltage, VCM, in the range 0 V to AVDD, and
with maximum amplitude of 2 VREF (see Figure 12).
AVDD
VCM
VCM
VCM
0
2VREF
2VREF
2VREF
Figure 12. Examples of Balanced Signals for Fully Differential Mode
A high precision, low drift, and factory-calibrated 2.5 V reference
is provided on chip. An external reference can also be connected
as described in the Band Gap Reference section.
Single or continuous conversion modes can be initiated in
software. An external
AA
CONVSTEE
AA
pin, an output generated from
the on-chip PLA, or a Timer0 or Timer1 overflow can also be
used to generate a repetitive trigger for ADC conversions.
If the signal has not been deasserted by the time the ADC
conversion is complete, a second conversion begins
automatically.
A voltage output from an on-chip band gap reference propor-
tional to absolute temperature can also be routed through the
front-end ADC multiplexer, effectively an additional ADC
channel input. This facilitates an internal temperature sensor
channel, measuring die temperature to an accuracy of ±3°C.
For the ADuC7122, a number of modifications have been made
to the ADC input structure that appears in the ADuC702x
family.
The PADC0 and PADC1 inputs connect to a PGA in pseudo
differential mode and allow for selectable gains from 1 to 5 with
32 steps. The remaining ADC channels can be configured as
single, differential, or pseudo differential. A buffer is provided
before the ADC for measuring internal channels.
Rev. A | Page 27 of 96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com