Electronic Components Datasheet Search
  English  ▼

X  

ADuC7122BBCZ Datasheet(PDF) 63 Page - Analog Devices

Part # ADuC7122BBCZ
Description  Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuC7122BBCZ Datasheet(HTML) 63 Page - Analog Devices

Back Button ADuC7122BBCZ Datasheet HTML 59Page - Analog Devices ADuC7122BBCZ Datasheet HTML 60Page - Analog Devices ADuC7122BBCZ Datasheet HTML 61Page - Analog Devices ADuC7122BBCZ Datasheet HTML 62Page - Analog Devices ADuC7122BBCZ Datasheet HTML 63Page - Analog Devices ADuC7122BBCZ Datasheet HTML 64Page - Analog Devices ADuC7122BBCZ Datasheet HTML 65Page - Analog Devices ADuC7122BBCZ Datasheet HTML 66Page - Analog Devices ADuC7122BBCZ Datasheet HTML 67Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 96 page
background image
Data Sheet
ADuC7122
I2C Address 0 Register
Name:
I2C0ADR0, I2C1ADR0
Address:
0xFFFF0898, 0xFFFF0918
Default Value: 0x00, 0x00
Access:
Read/write
Function:
This 8-bit MMR holds the 7-bit slave address +
the read/write bit when the master begins
communicating with a slave.
I2C Address 1 Register
Name:
I2C0ADR1, I2C1ADR1
Address:
0xFFFF089C, 0xFFFF091C
Default Value: 0x00, 0x00
Access:
Read/write
Function:
This 8-bit MMR is used in 10-bit addressing
mode only. This register contains the least
significant byte of the address.
I2C Master Clock Control Register
Name:
I2C0DIV, I2C1DIV
Address:
0xFFFF08A4, 0xFFFF0924
Default Value: 0x1F1F, 0x1F1F
Access:
Read/write
Function:
This MMR controls the frequency of the I2C
clock generated by the master on to the SCL
pin. For further details, see the I2C section.
I2C Start Byte Register
Name:
I2C0SBYTE, I2C1SBYTE
Address:
0xFFFF08A0, 0xFFFF0920
Default Value: 0x00, 0x00
Access:
Read/write
Function:
This MMR can be used to generate a start byte
at the start of a transaction.
To generate a start byte followed by a normal address, first write
to I2CxSBYTE, then write to the address register (I2CxADRx).
This drives the byte written in I2CxSBYTE onto the bus fol-
lowed by a repeated start. This register can be used to drive any
byte onto the I2C bus followed by a repeated start (not a start
byte only, for example, 00000001).
Table 104. I2CxADR0 MMR in 7-Bit Address Mode (Address = 0xFFFF0898, 0xFFFF0918, Default Value = 0x00)
Bit
Name
Description
7:1
I2CADR
These bits contain the 7-bit address of the required slave device.
0
R/W
Bit 0 is the read/write bit.
When this bit = 1, a read sequence is requested.
When this bit = 0, a write sequence is requested.
Table 105. I2CxADR0 MMR in 10-Bit Address Mode
Bit
Name
Description
7:3
These bits must be set to [11110b] in 10-bit address mode.
2:1
I2CMADR
These bits contain ADDR[9:8] in 10-bit addressing mode.
0
R/W
Read/write bit.
When this bit = 1, a read sequence is requested.
When this bit = 0, a write sequence is requested.
Table 106. I2CxADR1 MMR in 10-Bit Address Mode
Bit
Name
Description
7:0
I2CLADR
These bits contain ADDR[7:0] in 10-bit addressing mode.
Table 107. I2CxDIV MMR
Bit
Name
Description
15:8
DIVH
These bits control the duration of the high period of SCLx.
7:0
DIVL
These bits control the duration of the low period of SCLx.
Rev. A | Page 63 of 96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com