Electronic Components Datasheet Search
  English  ▼

X  

ADuC7122BBCZ Datasheet(PDF) 53 Page - Analog Devices

Part # ADuC7122BBCZ
Description  Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuC7122BBCZ Datasheet(HTML) 53 Page - Analog Devices

Back Button ADuC7122BBCZ Datasheet HTML 49Page - Analog Devices ADuC7122BBCZ Datasheet HTML 50Page - Analog Devices ADuC7122BBCZ Datasheet HTML 51Page - Analog Devices ADuC7122BBCZ Datasheet HTML 52Page - Analog Devices ADuC7122BBCZ Datasheet HTML 53Page - Analog Devices ADuC7122BBCZ Datasheet HTML 54Page - Analog Devices ADuC7122BBCZ Datasheet HTML 55Page - Analog Devices ADuC7122BBCZ Datasheet HTML 56Page - Analog Devices ADuC7122BBCZ Datasheet HTML 57Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 96 page
background image
Data Sheet
ADuC7122
Table 85. GPxPAR Register
Name
Address
Default Value
Access
GP0PAR
0xFFFF0D2C
0x20000000
R/W
GP1PAR
0xFFFF0D3C
0x00000000
R/W
GP2PAR
0xFFFF0D4C
0x00000000
R/W
GP3PAR
0xFFFF0D5C
0x00222222
R/W
GPxPAR programs the parameters for Port 0, Port 1, Port 2, and
Port 3. Note that the GPxDAT MMR must always be written
after changing the GPxPAR MMR.
Table 86. GPxPAR MMR Bit Designations
Bit
Description
31:29
Reserved
28
Pull-up disable Px.7 pin
27:25
Reserved
24
Pull-up disable Px.6 pin
23:21
Reserved
20
Pull-up disable Px.5 pin
19:17
Reserved
16
Pull-up disable Px.4 pin
15:13
Reserved
12
Pull-up disable Px.3 pin
11:9
Reserved
8
Pull-up disable Px.2 pin
7:5
Reserved
4
Pull-up disable Px.1 pin
3:1
Reserved
0
Pull-up disable Px.0 pin
Table 87. GPxDAT Register
Name
Address
Default Value
Access
GP0DAT
0xFFFF0D20
0x000000XX
R/W
GP1DAT
0xFFFF0D30
0x000000XX
R/W
GP2DAT
0xFFFF0D40
0x000000XX
R/W
GP3DAT
0xFFFF0D50
0x000000XX
R/W
GPxDAT is a Port x configuration and data register. It configures
the direction of the GPIO pins of Port x, sets the output value
for the pins configured as outputs, and receives and stores the
input value of the pins configured as inputs.
Table 88. GPxDAT MMR Bit Designations
Bit
Description
31:24
Direction of the data.
Set to 1 by the user to configure the GPIO pin as an output.
Cleared to 0 by user to configure the GPIO pin as an input.
23:16
Port x data output.
15:8
Reflect the state of Port x pins at reset (read only).
7:0
Port x data input (read only).
Table 89. GPxSET Register
Name
Address
Default Value
Access
GP0SET
0xFFFF0D24
0x000000XX
W
GP1SET
0xFFFF0D34
0x000000XX
W
GP2SET
0xFFFF0D44
0x000000XX
W
GP3SET
0xFFFF0D54
0x000000XX
W
Table 90. GPxSET MMR Bit Designations
Bit
Description
31: 24
Reserved.
23:16
Data Port x set bit.
Set to 1 by the user to set bit on Port x; also sets the
corresponding bit in the GPxDAT MMR.
Cleared to 0 by the user; does not affect the data output.
15: 0
Reserved.
GPxSET is a data set Port x register.
Table 91. GPxCLR Register
Name
Address
Default Value
Access
GP0CLR
0xFFFF0D28
0x000000XX
W
GP1CLR
0xFFFF0D38
0x000000XX
W
GP2CLR
0xFFFF0D48
0x000000XX
W
GP3CLR
0xFFFF0D58
0x000000XX
W
GPxCLR is a data clear Port x register.
Table 92. GPxCLR MMR Bit Designations
Bit
Description
31:24
Reserved.
23:16
Data Port x clear bit.
Set to 1 by the user to clear bit on Port x; also clears
the corresponding bit in the GPxDAT MMR.
Cleared to 0 by the user; does not affect the data
output.
15:0
Reserved.
Open-collector functionality is available on the following GPIO
pins: P1.7, P1.6, P2.x, and P3.x. Open-collector functionality can be
configured using GP1OCE[7:6], GP2OCE[7:0], and GP3OCE[7:0].
Table 93. GPxOCE MMR Bit Designations
Bit
Description
31:8
Reserved.
7
GPIO Px.7 open-collector enable
Set to 1 by the user to enable open-collector
Set to 0 by the user to disable open collector
6
GPIO Px.6 open-collector enable
Set to 1 by the user to enable open-collector
Set to 0 by the user to disable open-collector
5
GPIO Px.5 open-collector enable
Set to 1 by the user to enable open-collector
Set to 0 by the user to disable open-collector
4
GPIO Px.4 open-collector enable
Set to 1 by the user to enable open-collector
Set to 0 by the user to disable open-collector
3
GPIO Px.3 open-collector enable
Set to 1 by the user to enable open-collector
Set to 0 by the user to disable open-collector
2
GPIO Px.2 open-collector enable
Set to 1 by the user to enable open-collector
Set to 0 by the user to disable open-collector
1
GPIO Px.1 open-collector enable
Set to 1 by the user to enable open-collector
Set to 0 by the user to disable open-collector
0
GPIO Px.0 open-collector enable
Set to 1 by the user to enable open-collector
Set to 0 by the user to disable open-collector
Rev. A | Page 53 of 96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com