Electronic Components Datasheet Search
  English  ▼

X  

M21050 Datasheet(PDF) 52 Page - M/A-COM Technology Solutions, Inc.

Part # M21050
Description  Duplex Quad Multi-Rate CDR
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M21050 Datasheet(HTML) 52 Page - M/A-COM Technology Solutions, Inc.

Back Button M21050 Datasheet HTML 48Page - M/A-COM Technology Solutions, Inc. M21050 Datasheet HTML 49Page - M/A-COM Technology Solutions, Inc. M21050 Datasheet HTML 50Page - M/A-COM Technology Solutions, Inc. M21050 Datasheet HTML 51Page - M/A-COM Technology Solutions, Inc. M21050 Datasheet HTML 52Page - M/A-COM Technology Solutions, Inc. M21050 Datasheet HTML 53Page - M/A-COM Technology Solutions, Inc. M21050 Datasheet HTML 54Page - M/A-COM Technology Solutions, Inc. M21050 Datasheet HTML 55Page - M/A-COM Technology Solutions, Inc. M21050 Datasheet HTML 56Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 70 page
background image
44
Mindspeed Technologies™
21050-DSH-001-F
Mindspeed Proprietary and Confidential
M21050 Data Sheet
3.4
Input/Output Specifications
Table 3-4.
Two-Wire Serial Interface CMOS I/O Electrical Specifications
Symbol
Parameter
Notes
Minimum
Typical
Maximum
Units
VOH
Output logic high IOH = –3 mA
1, 2
0.8 x DVdd_I/O
DVdd_I/O
—V
VOL
Output logic low IOL = 24 mA
1, 2
—
0.0
0.2 x DVdd_I/O
V
IOL
Output current (logic low)
10
—
10
mA
IOH
Output current (logic high)
110
—
—
mA
VIH
Input logic high
1
0.75 x DVdd_I/O
—3.6
V
VIL
Input logic low
1
0
—
0.25 x DVdd_I/O
V
IIH
Input current (logic high)
1
–100
—
100
µA
IIL
Input current (logic low)
1
–100
—
100
µA
tr
Output rise time (20-80%)
1
—
—
250
ns
tf
Output fall time (20-80%)
1
—
—
250
ns
C2wire
Input capacitance of MF4 & MF5 in two-wire
interface
1, 3—
—
10pF
Notes:
1. Specified at recommended operating conditions – see Table 3-2.
2. DVdd_I/O can be chosen independently from AVdd_I/O.
3. Two-wire serial output mode can drive 500 pF.
Table 3-5.
High-Speed Input Electrical Specifications
Symbol
Parameter
Notes
Minimum
Typical
Maximum
Units
DRIN
Input signal data-rate
1, 3
1
—
3.2
Gbps
VID
Input differential voltage (P-P)
1, 3, 4
125
—
2000
mV
VICM
Input common-mode voltage
1
800
—
AVdd_Core
mV
RIN
Input termination to VddT
1, 6
45
50
65
Ω
S11
Input return loss (40 MHz to 2.5 GHz)
1
—
–15.0
—
dB
S11
Input return loss (2.5 GHz to 5 GHz)
1—
–5.0
—
dB
—
Maximum DC input current
1, 5
—
—
25
mA
Notes:
1. Specified at recommended operation conditions – see Table 3-2.
2. Designed for seamless interface to PCML.
3. Example 1200 mVpp differential = 600 mVpp for each single-ended terminal.
4. Minimum input level defined as error free operation at 10-12 BER.
5. Computed as the current through 50 ohms from the voltage difference between the input voltage common mode to VddT.
6. See Figure 3-1 for input termination circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com