Electronic Components Datasheet Search
  English  ▼

X  

M21050 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # M21050
Description  Duplex Quad Multi-Rate CDR
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M21050 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  M21050 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M21050 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. M21050 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. M21050 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. M21050 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M21050 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M21050 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M21050 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M21050 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 70 page
background image
ii
Mindspeed Technologies™
21050-DSH-001-F
Mindspeed Proprietary and Confidential
M21050 Data Sheet
Ordering Information
Part Number
Package
Operating Data Rate
Operating Temperature
M21050-14
72-terminal, 10mm x 10mm, MLF
1 Gbps - 3.2 Gbps
–40 °C to 85 °C
M21050G-14
72-terminal, 10mm x 10mm, MLF
(RoHS compliant)
1 Gbps - 3.2 Gbps
–40 °C to 85 °C
NOTES:
1. The letter “G” designator after the part number indicates that the device is RoHS-compliant. Refer to www.mindspeed.com for additional
information.
2. M21050 is the base device number, and -14 is the device revision number.
3. These devices are shipped in trays.
Revision History
Revision
Level
Date
Description
F
Release
September 2006
Updated Table 3-6: VOL, VOH, VOD for all swing levels.
Updated Table 3-4: IOL, IOH, tr, tf
E
Release
June 2005
Added RoHS compliant model numbers to the ordering information.
D
Release
April 2005
Incorporated all topics/items discussed in product bulletin 21050-PDB-003-A:
• FDA mode no longer supported
• Changed table of recommended reference clock frequencies
• Updated LOA detector window
Updated specifications tables with results from electrical characterization:
• Included specifications for latency, output data duty cycle, and channel to channel output data
skew
• Input differential voltage minimum spec increased from 50 mV to 125 mV
• Input common-mode voltage minimum spec increased from Vss to 800 mV
• Decreased jitter tolerance specification from 0.65 UI to 0.625 UI
• Updated ESD specifications
• Updated RIN and ROUT maximum values from 55Ω to 65Ω
• Increased DC power dissipation specifications
• Increased IOL specifications for two-wire interface
• Output data deterministic jitter increased from 115 mUI to 150 mUI
• Output data total jitter increased from 215 mUI to 250 mUI
Other topics discussed:
• Included support of adaptive input equalization
• Provided details about programmable input hysteresis (new feature)
• Renamed pin Out_Mode0 as Out_Mode and set Out_Mode1 as N/C
• Updated phase loop bandwidth settings
C
Preliminary
December 2003
New document format, major rewrite to incorporate design changes and add content.
B
Preliminary
July 2003
Change temperature range from 0
° to 85°C to -40° to 85°C
A
Preliminary
December 2002
Preliminary release



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com