Electronic Components Datasheet Search
  English  ▼

X  

M21050 Datasheet(PDF) 44 Page - M/A-COM Technology Solutions, Inc.

Part # M21050
Description  Duplex Quad Multi-Rate CDR
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M21050 Datasheet(HTML) 44 Page - M/A-COM Technology Solutions, Inc.

Back Button M21050 Datasheet HTML 40Page - M/A-COM Technology Solutions, Inc. M21050 Datasheet HTML 41Page - M/A-COM Technology Solutions, Inc. M21050 Datasheet HTML 42Page - M/A-COM Technology Solutions, Inc. M21050 Datasheet HTML 43Page - M/A-COM Technology Solutions, Inc. M21050 Datasheet HTML 44Page - M/A-COM Technology Solutions, Inc. M21050 Datasheet HTML 45Page - M/A-COM Technology Solutions, Inc. M21050 Datasheet HTML 46Page - M/A-COM Technology Solutions, Inc. M21050 Datasheet HTML 47Page - M/A-COM Technology Solutions, Inc. M21050 Datasheet HTML 48Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 70 page
background image
36
Mindspeed Technologies™
21050-DSH-001-F
Mindspeed Proprietary and Confidential
M21050 Data Sheet
2.2.6
Input Equalization Control for Output N
Table 2-31. Input Equalization Control for Output N (Ineq_ctrl_N: Address M5h)
Bits
Type
Default
Label
Description
7
R/W
0b
Reserved
N/A
6:5
R/W
00b
MSPD internal
N/A
4
R/W
1b
en_DCservo
Enables DC servo in the input channel to remove offset based
deterministic jitter
0b: DC servo Dj attenuator off
1b: DC servo Dj attenuator on
3, 1:0
R/W
000b
in_eq
Selects the input equalization level
111b: Maximum input equalization level
.
.
.
100b: Nominal input equalization level
.
.
.
001b: Minimum input equalization level
000b: Input equalization disabled
Note: The 100b setting is optimized for PCB trace lengths between 10 -
46 inches, although other settings may be optimal for some
applications. Bit 2 must be set to zero.
2
R/W
0b
en_ad_eq
This bit is used to select adaptive input equalization (AIE) over
configurable input equalization (IE).
When AIE is selected, bits [3, 1:0] have no effect.
0b: Disable AIE
1b: Enable AIE
Note: Whenever possible, configurable IE should be selected over AIE
since configurable IE performance is more consistent across devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com