Electronic Components Datasheet Search
  English  ▼

X  

M21050 Datasheet(PDF) 31 Page - M/A-COM Technology Solutions, Inc.

Part # M21050
Description  Duplex Quad Multi-Rate CDR
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M21050 Datasheet(HTML) 31 Page - M/A-COM Technology Solutions, Inc.

Back Button M21050 Datasheet HTML 27Page - M/A-COM Technology Solutions, Inc. M21050 Datasheet HTML 28Page - M/A-COM Technology Solutions, Inc. M21050 Datasheet HTML 29Page - M/A-COM Technology Solutions, Inc. M21050 Datasheet HTML 30Page - M/A-COM Technology Solutions, Inc. M21050 Datasheet HTML 31Page - M/A-COM Technology Solutions, Inc. M21050 Datasheet HTML 32Page - M/A-COM Technology Solutions, Inc. M21050 Datasheet HTML 33Page - M/A-COM Technology Solutions, Inc. M21050 Datasheet HTML 34Page - M/A-COM Technology Solutions, Inc. M21050 Datasheet HTML 35Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 70 page
background image
Registers
21050-DSH-001-F
Mindspeed Technologies™
23
Mindspeed Proprietary and Confidential
2.1.4
External Reference Frequency Divider Control (RFD)
2.1.5
Master Chip Reset
2.1.6
IC Electronic Identification
2.1.7
IC Revision Code
Table 2-4. External Reference Frequency Divider Control (RFD) (Refclk_ctrl: Address 04h)
Bits
Type
Default
Label
Description
7:4
R/W
0000b
Reserved
N/A
3:1
R/W
000b
ref_divr
Sets the divider ratio to scale down RefClk to the internal rate for FRA/
LOA
000b: RFD = 1
001b: RFD = 2
010b: RFD = 4
011b: RFD = 8
100b: RFD = 12
101b: RFD = 16
110b: RFD = 32
0
R/W
0b
MSPD internal
N/A
Table 2-5. Master Chip Reset (Mastreset: Address 05h)
Bits
Type
Default
Label
Description
7:0
R/W
00000000b
rst
Same feature as hardware xRST. Resets the entire IC
AAh: Reset upon write to this register with AAh
00h: Normal operation
Note: All other values are ignored.
Table 2-6. IC Electronic ID (Chipcode: Address 06h)
Bits
Type
Default
Label
Description
7:0
R
19h
chipcode
This register contains the chipcode of this IC.
Table 2-7. IC Revision Code (Revcode: Address 07h)
Bits
Type
Default
Label
Description
7:0
R
20h
revcode
This register contains the revision of the IC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com