Electronic Components Datasheet Search
  English  ▼

X  

M21050 Datasheet(PDF) 11 Page - M/A-COM Technology Solutions, Inc.

Part # M21050
Description  Duplex Quad Multi-Rate CDR
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M21050 Datasheet(HTML) 11 Page - M/A-COM Technology Solutions, Inc.

Back Button M21050 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M21050 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M21050 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. M21050 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. M21050 Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. M21050 Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc. M21050 Datasheet HTML 13Page - M/A-COM Technology Solutions, Inc. M21050 Datasheet HTML 14Page - M/A-COM Technology Solutions, Inc. M21050 Datasheet HTML 15Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 70 page
background image
Functional Description
21050-DSH-001-F
Mindspeed Technologies™
3
Mindspeed Proprietary and Confidential
Figure 1-1.
Recommended Data and Reference Clock Input Coupling Circuitry
M21050
820
Ω
VddT
(connect to
Vdd_Core)
DinP
DinN
50
Ω
50
Ω
0.1 µF
0.1 µF
2 K
Ω
50
Ω
RefClkP
RefClkN
50
Ω
Clock
Input
Buffer
2 K
Ω
0.1 µF
0.1 µF
50
Ω
50
Ω
Vdd_I/O
10 K
Ω
10 K
Ω
Data
Input
Buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com