Electronic Components Datasheet Search
  English  ▼

X  

M21050 Datasheet(PDF) 13 Page - M/A-COM Technology Solutions, Inc.

Part # M21050
Description  Duplex Quad Multi-Rate CDR
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M21050 Datasheet(HTML) 13 Page - M/A-COM Technology Solutions, Inc.

Back Button M21050 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. M21050 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. M21050 Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. M21050 Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc. M21050 Datasheet HTML 13Page - M/A-COM Technology Solutions, Inc. M21050 Datasheet HTML 14Page - M/A-COM Technology Solutions, Inc. M21050 Datasheet HTML 15Page - M/A-COM Technology Solutions, Inc. M21050 Datasheet HTML 16Page - M/A-COM Technology Solutions, Inc. M21050 Datasheet HTML 17Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 70 page
background image
Functional Description
21050-DSH-001-F
Mindspeed Technologies™
5
Mindspeed Proprietary and Confidential
1.1.7
Multifunction Pins Defined for Hardwired Mode
A subset of options in the M21050 can be accessed with hardwired pins, as defined in Table 1-4. The hardwired
data-rates, along with the default reference frequency, are shown in Table 1-5.
Table 1-4.
Multifunction Pins for Hardwired Mode
Pin
Function
Description
MF0
Data-Rate 0
CDR Rate Select (See Table 1-5 for description)
MF1
Data-Rate 1
CDR Rate Select (See Table 1-5 for description)
MF2
Data-Rate 2
CDR Rate Select (See Table 1-5 for description)
MF3
A-side equalization and
B-side pre-emphasis enable
H = Disabled
L = A-side input equalization enabled, and
B-side output pre-emphasis enabled
MF4
B-side equalization and
A-side pre-emphasis enable
H = Disabled
L = B-side input equalization enabled, and
A-side output pre-emphasis enabled
MF5
A-side polarity flip
H = Normal data polarity
L = Inverted polarity
MF6
B-side polarity flip
H = Normal data polarity
L = Inverted polarity
MF7
Output Level
L = All outputs powered down
H = All outputs on: nominal output level. Output type selected with Out_Mode
Table 1-5.
Hardwired Data-Rates and Associated Reference Clock Frequencies
Pins
MF [2:0]
Application
Signal Data-rate (Gbps)
Reference Frequency (MHz)
000
10x Fibre Channel - XAUI
3.1875
159.375
001
10 Gigabit Ethernet - XAUI
3.125
156.25
010
InfiniBand
2.5
62.5
011
STS-48
2.48832
19.44
100
InfiniBand
2.5
250
101
2x Fibre Channel
2.125
106.25
110
Gigabit Ethernet
1.250
125
111
1x Fibre Channel
1.0625
106.25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com