Electronic Components Datasheet Search
  English  ▼

X  

M21050 Datasheet(PDF) 36 Page - M/A-COM Technology Solutions, Inc.

Part # M21050
Description  Duplex Quad Multi-Rate CDR
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M21050 Datasheet(HTML) 36 Page - M/A-COM Technology Solutions, Inc.

Back Button M21050 Datasheet HTML 32Page - M/A-COM Technology Solutions, Inc. M21050 Datasheet HTML 33Page - M/A-COM Technology Solutions, Inc. M21050 Datasheet HTML 34Page - M/A-COM Technology Solutions, Inc. M21050 Datasheet HTML 35Page - M/A-COM Technology Solutions, Inc. M21050 Datasheet HTML 36Page - M/A-COM Technology Solutions, Inc. M21050 Datasheet HTML 37Page - M/A-COM Technology Solutions, Inc. M21050 Datasheet HTML 38Page - M/A-COM Technology Solutions, Inc. M21050 Datasheet HTML 39Page - M/A-COM Technology Solutions, Inc. M21050 Datasheet HTML 40Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 70 page
background image
28
Mindspeed Technologies™
21050-DSH-001-F
Mindspeed Proprietary and Confidential
M21050 Data Sheet
4:1
R/W
0011b
narwin_LOL
Sets the narrow LOL window for the LOL = H to LOL = L transition
(transition to in lock threshold)
Code
0000b
0001b
0010b
0011b
0100b
0101b
0110b
0111b
1000b
1001b
1010b
1011b
1100b
1101b
1110b
1111b
Value
2
3
4
6
8
12
16
24
9
10
11
12
13
14
15
32
0
R/W
0b
widwin_LOL
Sets the wide LOL window for the LOL = L to LOL = H transition
(transition to out of lock threshold)
Narrow
Code
0000b
0001b
0010b
0011b
0100b
0101b
0110b
0111b
1000b
1001b
1010b
1011b
1100b
1101b
1110b
1111b
Wide
Code 0b
3
4
6
8
12
16
24
32
12
12
12
16
16
16
16
32
Wide
Code 1b
8
12
16
24
32
32
32
32
32
32
32
32
32
32
32
32
Table 2-14. Built In Self-Test (BIST) Transmitter PLL Loss of Lock Register (BISTtx_LOLctrl Address 17h)
Bits
Type
Default
Label
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com