Electronic Components Datasheet Search
  English  ▼

X  

MB9B320TA Datasheet(PDF) 127 Page - SPANSION

Part # MB9B320TA
Description  This document states the current technical specifications regarding
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9B320TA Datasheet(HTML) 127 Page - SPANSION

Back Button MB9B320TA Datasheet HTML 123Page - SPANSION MB9B320TA Datasheet HTML 124Page - SPANSION MB9B320TA Datasheet HTML 125Page - SPANSION MB9B320TA Datasheet HTML 126Page - SPANSION MB9B320TA Datasheet HTML 127Page - SPANSION MB9B320TA Datasheet HTML 128Page - SPANSION MB9B320TA Datasheet HTML 129Page - SPANSION MB9B320TA Datasheet HTML 130Page - SPANSION MB9B320TA Datasheet HTML 131Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 141 page
background image
D a t a S h e e t
124
MB9B320TA_DS706-00062-2v0-E, January 30, 2015
CONFIDENTIAL
(2) Interrupt of Low-Voltage Detection
(Ta = - 40°C to + 105°C)
Parameter
Symbol
Conditions
Value
Unit
Remarks
Min
Typ
Max
Detected voltage
VDL
SVHI = 00011
2.58
2.80
3.02
V
When voltage drops
Released voltage
VDH
2.67
2.90
3.13
V
When voltage rises
Detected voltage
VDL
SVHI = 00100
2.76
3.00
3.24
V
When voltage drops
Released voltage
VDH
2.85
3.10
3.35
V
When voltage rises
Detected voltage
VDL
SVHI = 00101
2.94
3.20
3.46
V
When voltage drops
Released voltage
VDH
3.04
3.30
3.56
V
When voltage rises
Detected voltage
VDL
SVHI = 00110
3.31
3.60
3.89
V
When voltage drops
Released voltage
VDH
3.40
3.70
4.00
V
When voltage rises
Detected voltage
VDL
SVHI = 00111
3.40
3.70
4.00
V
When voltage drops
Released voltage
VDH
3.50
3.80
4.10
V
When voltage rises
Detected voltage
VDL
SVHI = 01000
3.68
4.00
4.32
V
When voltage drops
Released voltage
VDH
3.77
4.10
4.43
V
When voltage rises
Detected voltage
VDL
SVHI = 01001
3.77
4.10
4.43
V
When voltage drops
Released voltage
VDH
3.86
4.20
4.54
V
When voltage rises
Detected voltage
VDL
SVHI = 01010
3.86
4.20
4.54
V
When voltage drops
Released voltage
VDH
3.96
4.30
4.64
V
When voltage rises
LVD stabilization
wait time
TLVDW
-
-
-
6432 ×
tCYCP
*
μs
LVD detection
delay time
TLVDDL
-
-
-
200
μs
* : tCYCP indicates the APB2 bus clock cycle time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com