Electronic Components Datasheet Search
  English  ▼

X  

MB9B320TA Datasheet(PDF) 129 Page - SPANSION

Part # MB9B320TA
Description  This document states the current technical specifications regarding
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9B320TA Datasheet(HTML) 129 Page - SPANSION

Back Button MB9B320TA Datasheet HTML 125Page - SPANSION MB9B320TA Datasheet HTML 126Page - SPANSION MB9B320TA Datasheet HTML 127Page - SPANSION MB9B320TA Datasheet HTML 128Page - SPANSION MB9B320TA Datasheet HTML 129Page - SPANSION MB9B320TA Datasheet HTML 130Page - SPANSION MB9B320TA Datasheet HTML 131Page - SPANSION MB9B320TA Datasheet HTML 132Page - SPANSION MB9B320TA Datasheet HTML 133Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 141 page
background image
D a t a S h e e t
126
MB9B320TA_DS706-00062-2v0-E, January 30, 2015
CONFIDENTIAL
10. Return Time from Low-Power Consumption Mode
(1) Return Factor: Interrupt/WKUP
The return time from Low-Power consumption mode is indicated as follows. It is from receiving the
return factor to starting the program operation.
・ Return Count Time
(VCC = 2.7V to 5.5V, Ta = - 40°C to + 105°C)
Parameter
Symbol
Value
Unit
Remarks
Typ
Max*
SLEEP mode
Ticnt
tCYCC
ns
High-speed CR TIMER mode,
Main TIMER mode,
PLL TIMER mode
43
83
μs
Low-speed CR TIMER mode
310
620
μs
Sub TIMER mode
534
724
μs
RTC mode,
STOP mode
278
479
μs
Deep Standby RTC mode,
Deep Standby STOP mode
298
543
μs
When RAM is off
288
523
μs
When RAM is on
* : The maximum value depends on the accuracy of built-in CR.
・ Operation example of return from Low-Power consumption mode (by external interrupt*)
Ext.INT
Ticnt
Interrupt factor
accept
CPU
Operation
Start
Active
Interrupt factor
clear by CPU
* : External interrupt is set to detecting fall edge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com