Electronic Components Datasheet Search
  English  ▼

X  

MB9B320TA Datasheet(PDF) 131 Page - SPANSION

Part # MB9B320TA
Description  This document states the current technical specifications regarding
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9B320TA Datasheet(HTML) 131 Page - SPANSION

Back Button MB9B320TA Datasheet HTML 127Page - SPANSION MB9B320TA Datasheet HTML 128Page - SPANSION MB9B320TA Datasheet HTML 129Page - SPANSION MB9B320TA Datasheet HTML 130Page - SPANSION MB9B320TA Datasheet HTML 131Page - SPANSION MB9B320TA Datasheet HTML 132Page - SPANSION MB9B320TA Datasheet HTML 133Page - SPANSION MB9B320TA Datasheet HTML 134Page - SPANSION MB9B320TA Datasheet HTML 135Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 141 page
background image
D a t a S h e e t
128
MB9B320TA_DS706-00062-2v0-E, January 30, 2015
CONFIDENTIAL
(2) Return Factor: Reset
The return time from Low-Power consumption mode is indicated as follows. It is from releasing reset to
starting the program operation.
・ Return Count Time
(VCC = 2.7V to 5.5V, Ta = - 40°C to + 105°C)
Parameter
Symbol
Value
Unit
Remarks
Typ
Max*
SLEEP mode
Trcnt
149
264
μs
High-speed CR TIMER mode,
Main TIMER mode,
PLL TIMER mode
149
264
μs
Low-speed CR TIMER mode
318
603
μs
Sub TIMER mode
308
583
μs
RTC/STOP mode
248
443
μs
Deep Standby RTC mode,
Deep Standby STOP mode
298
543
μs
When RAM is off
288
523
μs
When RAM is on
* : The maximum value depends on the accuracy of built-in CR.
・ Operation example of return from Low-Power consumption mode (by INITX)
INITX
Trcnt
Internal RST
CPU
Operation
Start
RST Active
Release



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com