Electronic Components Datasheet Search
  English  ▼

X  

9331 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # 9331
Description  300V Power-Limited Tray Cables ??Overview
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

9331 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button 9331 Datasheet HTML 8Page - List of Unclassifed Manufacturers 9331 Datasheet HTML 9Page - List of Unclassifed Manufacturers 9331 Datasheet HTML 10Page - List of Unclassifed Manufacturers 9331 Datasheet HTML 11Page - List of Unclassifed Manufacturers 9331 Datasheet HTML 12Page - List of Unclassifed Manufacturers 9331 Datasheet HTML 13Page - List of Unclassifed Manufacturers 9331 Datasheet HTML 14Page - List of Unclassifed Manufacturers 9331 Datasheet HTML 15Page - List of Unclassifed Manufacturers 9331 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
UL Instrumentation Cable
300V Power-Limited Tray Cables
Industrial Grade Sunlight- and Oil-Resistant Jackets
IN D U STRIAL
A U T OMA TION
&
PR OCE S S
CO NTR O L
C ABLES
18.52
For more information, contact Belden T echnical Support: 1-800-BELDEN-1 • www .belden.com
Standard
Lengths
Ft.
Color
Code
mm
Jacket
Thickness
Inch
mm
Nominal
OD
Lbs.
N
Maximum
Pull Tension
Inch
Part
No.
Description
Minimum
Bend Radius
m
Standard
Unit Weight
No.
of
Pairs/
Triads
Lbs.
kg
Inch
mm
12 AWG Pairs Stranded (65x30) Tinned Copper Conductors • Twisted Pairs
Unshielded • PVC Insulation • Chrome PVC Jacket
9412
1
E2
500
152.4
41.5
18.8
.042
1.07
.370
9.40
197
876
4.25
107.95
1000
304.8
83.0
37.7
Overall Beldfoil® Shield (100% Coverage) • PVC Insulation • Chrome PVC Jacket
9312
1
E2
500
152.4
49.0
22.3
.042
1.07
.373
9.47
225
1001
4.25
107.95
1000
304.8
96.0
43.6
12 AWG Triads Stranded (7x20) Bare Copper Conductors • Twisted Triads
Overall Beldfoil Shield (100% Coverage) • PVC Insulation • Black PVC Jacket (See chart below for other options)
3102A
1
E1
Bulk †
Bulk
—
—
.053
1.35
.432
11.00
315
1401
3.50
88.90
E1, E2 = Refer to Technical Information section for color code.
Alternate color coding available upon request.
†Bulk = Check length available for specific construction.
Rip Cord
Rip Cord
Rip Cord
Drain Wire
Drain Wire
NEC: PLTC, ITC, CL3R
CEC: FT4
IEEE 1202/383
ICEA T-29-520
NEC: PLTC, ITC, CL3R
CEC: FT4
IEEE 1202/383
ICEA T-29-520
NEC: PLTC, ITC, CL3R
CEC: FT4
IEEE 1202/383
ICEA T-29-520
Conductor, Insulation and Jacket Options**
Bare
Tinned
Insulation/Jacket
AB
PVC/PVC
CD
XLPE/PVC
KL
TPE/TPE
QR
XLPE/CPE
ST
XLPE/Haloarrest®
**For 1000 and 3000 Series cables only.
1234
A
E
Start
Add or
Add for
with
replace
Exposed
Part
letter code Run rating
No.
for desired if desired
conductor,
insulation & jacket
To Specify:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com