Electronic Components Datasheet Search
  English  ▼

X  

9331 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # 9331
Description  300V Power-Limited Tray Cables ??Overview
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

9331 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button 9331 Datasheet HTML 12Page - List of Unclassifed Manufacturers 9331 Datasheet HTML 13Page - List of Unclassifed Manufacturers 9331 Datasheet HTML 14Page - List of Unclassifed Manufacturers 9331 Datasheet HTML 15Page - List of Unclassifed Manufacturers 9331 Datasheet HTML 16Page - List of Unclassifed Manufacturers 9331 Datasheet HTML 17Page - List of Unclassifed Manufacturers 9331 Datasheet HTML 18Page - List of Unclassifed Manufacturers 9331 Datasheet HTML 19Page - List of Unclassifed Manufacturers 9331 Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
IN D U STRIAL
A U T OMA TION
&
PR OCE S S
CO NTR O L
C ABLES
18.56
For more information, contact Belden T echnical Support: 1-800-BELDEN-1 • www .belden.com
UL Instrumentation Cable
600V Tray Cables – Overview
Construction
Soft annealed bare or tinned copper
conductors. PVC insulated with a
nylon overcoat, 90°C PVC Jacket, TFN,
TFFN or THHN style singles. Nylon
rip cord included in all PVC-Nylon/PVC
instrumentation cables.
Application
These cables are suitable for installation
in wet or dry locations. Cable jackets are
resistant to sunlight, moisture and vapor
penetration. The cables can be used in
raceways, and (supported by messenger
wire), outdoor applications and direct
burial applications.
Unshielded
Twisted non-shielded instrument pairs
provide a minimal OD allowing greater tray
and conduit fill. Non-shielded instrument
pairs may be utilized when recommended
by the instrument manufacturer and used
in a metallic conduit.
Overall Shield
Recommended for use in instrumentation
applications where signals are transmitted
in excess of 100 millivolts except in areas
where high voltage and current sources
creates excessive noise interference.
The Beldfoil® shield with drain wire
provides 100% coverage for maximum
shield effectiveness. Copper tape shield
available upon request.
Individually Shielded
and Overall Shielded
Individually shielded pairs or triads with
an overall shield are recommended for
use in instrumentation applications where
optimum noise rejection is required. Individual
pair/triad shields are fully isolated from
each other and contain a separate drain
wire for grounding, to provide maximum
protection from crosstalk and common
mode interference. Cables with an overall
shield provide additional electrostatic
noise protection.
Specifications
● UL Subject 1277 TC
● UL 1685 (UL1581) Vertical Tray Flame
Test comparable to IEEE 383-1974
(70,000 BTU/hr.) Flame Test
● NEC Type TC Listed, which is approved
for cable tray use in Class 1, Division 2
areas, per NEC Articles 340, 318 and
501 and for Class 1 circuits as permitted
in Article 725
● PVC-nylon/PVC constructions are
NEC Type NPLF Listed, which is
approved for use in Non Power-Limited
Fire Protective Signaling circuits,
per NEC Article 760
● PVC-Nylon/PVC, XLPE/PVC and
XLPE/CPE constructed cables meet
IEEE 1202/IEEE 383-2003/FT4
(70,000 BTU) Flame Test
● XLPE/Haloarrest cables are
UL 1277 TC-LS rated
TC-ER Rated Cables
As an option, Belden offers all PVC-nylon/
PVC, XLPE/PVC and XLPE/CPE jacketed
tray cables with a TC-ER (Exposed Run)
rating, formerly referred to as Open Wiring.
Per NEC Article 336, a TC-ER rated cable
may be installed in an industrial establishment
between a cable tray and the utilization
equipment or device. A TC-ER rated cable
must meet the crush and impact require-
ments of UL Type MC cable. By eliminating
the need for metal conduit and/or armor,
using a TC-ER rated cable results in
savings in both installation and maintenance.
MC Cable Ratings Optional
Customize any 600V TC instrumentation
cable, with armor and a full-sized ground.
See chart below to specify.
Armor
Code
Material
2
Aluminum Interlock
3
Steel Interlock
Overall Jacket
Code
Material
1
PVC
3
CPE
4
TPE
5
HDPE
6
Oil Res II
7
Haloarrest
1
2
3456
A
Overall
Armor
Core
Conductor,
Jacket
Type
4-digit
Insulation,
Type
Part No. Inner Jacket
600V TC
Type
Instrumentation
To Specify MC Rated Cable
Standard lengths may be subject to tolerance.
Custom lengths may be available upon request.
Contact the Belden Electronics Division Customer
Service Department for additional information.
1-800-BELDEN-1.
Bare Tinned
Insulation/Jacket
AB
PVC-Nylon/PVC
CD
XLPE/PVC
EF
FRPO/PVC
GH
XLPE/TPE
KL
TPE/TPE
MN
PVC-Nylon/Oil Res II
QR
XLPE/CPE
ST
XLPE/Haloarrest
*For 1000 and 3000 Series cables only.
1234 A
Start
Add or
with
replace
Part
letter
No.
code
To Specify:
Tray Cable Construction Options
UL Listed for MC and TC
Insulation/Jacket
Flame Tests
Ratings*
Max. Temp Rating
Wet
Dry
PVC-Nylon/PVC
75°C
90°C
UL 1685
ICEA S-73-532
(THHN or THWN)
FT4/IEEE 1202/383
ICEA S-61-402
14 AWG & larger
ICEA T-29-520
PVC-Nylon/PVC
N/A
90°C
UL 1685
ICEA S-73-532
(TFN or TFFN)
FT4/IEEE 1202/383
ICEA S-61-402
16 & 18 AWG
ICEA T-29-520
XLPE/PVC or CPE
90°C
90°C
UL 1685
ICEA S-73-532
(XHHW–2)
FT4/IEEE 1202/383
ICEA S-66-524
14 AWG & larger
VW-1 rated singles
ICEA T-29-520
XLPE/PVC or CPE
75°C
75°C
UL 1685
ICEA S-73-532
(RFH–2)
FT4/IEEE 1202/383
ICEA S-66-524
16 & 18 AWG
VW-1 rated singles
ICEA S-82-552
ICEA T-29-520
FRPO/PVC
—
75°C
UL 1685
18 AWG & larger
TPE/TPE
75°C
90°C
UL 1685
FRPO/PVC
75°C
90°C
UL 1685
XLPE/Haloarrest®
90°C
90°C
UL 1685
TC-LS
(XHHW-2)
ICEA T-29-520
14 AWG & larger
FT4/IEEE 1202/383
XLPE/Haloarrest
75°C
75°C
UL 1685
TC-LS
(RFH-2)
ICEA T-29-520
16 & 18 AWG
FT4/IEEE 1202/383
FEP/PVC
90°C
90°C
UL 1685
CPE = Chlorinated Polyethylene • FEP = Fluorinated Ethylene-propylene • FRPO = Flame-retardant Polyolefin •
PVC = Polyvinyl Chloride • TPE = Thermoplastic Elastomer • XLPE = Cross-linked Polyethylene
*Applicable to TC-rated cables only.
Conductor, Insulation and Jacket Options*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com