Electronic Components Datasheet Search
  English  ▼

X  

9331 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # 9331
Description  300V Power-Limited Tray Cables ??Overview
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

9331 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button 9331 Datasheet HTML 10Page - List of Unclassifed Manufacturers 9331 Datasheet HTML 11Page - List of Unclassifed Manufacturers 9331 Datasheet HTML 12Page - List of Unclassifed Manufacturers 9331 Datasheet HTML 13Page - List of Unclassifed Manufacturers 9331 Datasheet HTML 14Page - List of Unclassifed Manufacturers 9331 Datasheet HTML 15Page - List of Unclassifed Manufacturers 9331 Datasheet HTML 16Page - List of Unclassifed Manufacturers 9331 Datasheet HTML 17Page - List of Unclassifed Manufacturers 9331 Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
IN D U STRIAL
A U T OMA TION
&
PR OCE S S
CO NTR O L
C ABLES
18.54
For more information, contact Belden T echnical Support: 1-800-BELDEN-1 • www .belden.com
UL Instrumentation Cable
Thermocouple Extension Cables
Industrial Grade Sunlight- and Oil-Resistant Jackets
20 AWG Pairs Solid Conductors • (See chart on page 18.53 for conductor specifications by ANSI Type)
Overall Beldfoil® Shield (100% Coverage) • PVC Insulation • PVC Jacket
3111A
JX
1
White, Red
Black
5000 †
1524.0
115.0
52.2
.016
.41
.206
5.23
3112A
KX
1
Yellow, Red
Yellow
5000 †
1524.0
120.0
54.5
.016
.41
.206
5.23
3113A
TX
1
Blue, Red
Blue
5000 †
1524.0
115.0
52.2
.016
.41
.206
5.23
Individually Shielded + Overall Beldfoil Shield (100% Coverage) • PVC Insulation • PVC Jacket
3115A
JX
2
White, Red
Black
5000 †
1524.0
315.0
143.0
.016
.41
.332
8.43
1006A
JX
4
White, Red
Black
5000 †
1524.0
480.0
217.9
.016
.41
.383
9.73
1012A
KX
4
Yellow, Red
Yellow
5000 †
1524.0
530.0
240.6
.016
.41
.383
9.73
1013A
KX
8
Yellow, Red
Yellow
5000 †
1524.0
825.0
374.6
.016
.41
.503
12.78
1014A
KX
12
Yellow, Red
Yellow
5000 †
1524.0
1195.0
542.5
.016
.41
.603
15.32
16 AWG Pairs Solid Conductors • (See chart on page 18.53 for conductor specifications by ANSI Type)
Overall Beldfoil Shield (100% Coverage) • PVC Insulation • PVC Jacket
1101A
EX
1
Purple, Red
Purple
10000 †
3048.0
450.0
204.3
.017
.43
.248
6.30
1000A
JX
1
White, Red
Black
1000
304.8
42.0
19.1
.017
.43
.248
6.30
10000 †
3048.0
420.0
190.7
1018A
KX
1
Yellow, Red
Yellow
1000
304.8
42.0
19.1
.017
.43
.248
6.30
10000 †
3048.0
420.0
190.7
1023A
TX
1
Blue, Red
Blue
10000 †
3048.0
450.0
204.3
.017
.43
.248
6.30
Multiple pair cables have each pair numbered for ease of identification.
†Final put-up length may vary ±10% from length shown.
Jacket
Color
Inch
mm
Nominal
OD
Standard
Lengths
Ft.
Color
Code
No.
of
Pairs
Inch
mm
Insulation
Thickness
Part
No.
Description
m
Standard
Unit Weight
ANSI
Type
Lbs.
kg
Rip Cord
Drain Wire
Rip Cord
Drain Wire
Drain Wires
Rip Cord
Communication Wire
300V 105°C
NEC: PLTC, ITC, CMG
CEC: CMG FT4
ICEA T-29-520
IEEE 1202/383
300V 105°C
NEC: PLTC, ITC, CMG
CEC: CMG FT4
ICEA T-29-520
IEEE 1202/383
300V 105°C
NEC: PLTC, ITC, CMG
CEC: CMG FT4
ICEA T-29-520
IEEE 1202/383



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com