Electronic Components Datasheet Search
  English  ▼

X  

9331 Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # 9331
Description  300V Power-Limited Tray Cables ??Overview
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

9331 Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button 9331 Datasheet HTML 14Page - List of Unclassifed Manufacturers 9331 Datasheet HTML 15Page - List of Unclassifed Manufacturers 9331 Datasheet HTML 16Page - List of Unclassifed Manufacturers 9331 Datasheet HTML 17Page - List of Unclassifed Manufacturers 9331 Datasheet HTML 18Page - List of Unclassifed Manufacturers 9331 Datasheet HTML 19Page - List of Unclassifed Manufacturers 9331 Datasheet HTML 20Page - List of Unclassifed Manufacturers 9331 Datasheet HTML 21Page - List of Unclassifed Manufacturers 9331 Datasheet HTML 22Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
IN D U STRIAL
A U T OMA TION
&
PR OCE S S
CO NTR O L
C ABLES
18.59
For more information, contact Belden T echnical Support: 1-800-BELDEN-1 • www .belden.com
UL Instrumentation Cable
600V Tray Cables
Industrial Grade Sunlight- and Oil-Resistant Jackets
Standard
Lengths
Ft.
Color
Code
mm
Jacket
Thickness
Inch
mm
Nominal
OD
Lbs.
N
Maximum
Pull Tension
Inch
Part
No.
Description
Minimum
Bend Radius
m
Standard
Unit Weight
No.
of
Pairs
Lbs.
kg
Inch
mm
16 AWG Pairs Stranded (19x29) Tinned Copper Conductors • Twisted Pairs
Unshielded • PVC/Nylon Insulation • Black PVC Jacket
9487
1
E2
500
152.4
25.5
11.6
.048
1.22
.295
7.49
70
311
3.00
76.20
1000
304.8
54.0
24.5
Overall Beldfoil® Shield (100% Coverage) • PVC/Nylon Insulation • Black PVC Jacket
9342
1
E2
500
152.4
27.5
12.7
.048
1.22
.296
7.52
105
467
3.00
76.20
1000
304.8
56.0
25.4
16 AWG Pairs Stranded (7x24) Bare Copper Conductors • Twisted Pairs
Overall Beldfoil Shield (100% Coverage) • PVC/Nylon Insulation • Black PVC Jacket (See chart below for other options)
1118A
1
E2
10000 †
3048.0
550.0
249.5
.047
1.19
.294
7.47
105
467
3.00
76.20
3090A
1
E1
2500 †
762.0
150.0
68.0
.047
1.19
.295
7.49
105
467
3.00
76.20
1069A
2
E1
7500 †
2286.0
712.5
323.2
.047
1.19
.456
11.58
179
796
4.60
116.84
1527A
3
E1
7500 †
2286.0
1042.5
472.9
.047
1.19
.482
12.24
241
1072
4.80
121.92
1070A
4
E1
7500 †
2286.0
1357.5
615.8
.063
1.60
.560
14.22
321
1428
5.60
142.24
1071A
8
E1
7500 †
2286.0
2242.5
1017.2
.063
1.60
.676
17.17
607
2700
6.80
172.72
1072A
12
E1
5000 †
1524.0
1047.5
475.2
.063
1.60
.812
20.63
893
3972
8.10
205.74
1073A
16
E1
2500 †
762.0
1442.5
654.3
.085
2.16
.946
24.03
1178
5240
9.30
236.22
1074A
24
E1
1250 †
381.0
2115.0
959.4
.085
2.16
1.158
29.41
1749
7780
11.60
294.64
1089A
36
E1
1250 †
381.0
1388.7
629.9
.085
2.16
1.321
33.55
2606
11592
13.20
335.28
1090A
50
E1
Bulk ††
Bulk
—
—
.085
2.16
1.551
39.40
3606
16040
15.50
393.70
Individually Shielded + Overall Beldfoil Shield (100% Coverage) • PVC/Nylon Insulation • Black PVC Jacket (Options below)
1055A
2
E1
7500 †
2286.0
885.0
401.8
.047
1.19
.476
12.09
223
992
4.16
105.66
1037A
3
E1
7500 †
2286.0
1072.5
486.5
.047
1.19
.504
12.80
290
1290
5.00
127.0
1039A
4
E1
7500 †
2286.0
1472.5
667.9
.063
1.60
.584
14.83
411
1828
5.80
147.32
1040A
6
E1
5000 †
1524.0
1435.0
650.9
.063
1.60
.682
17.32
428
1904
6.80
172.72
1041A
8
E1
5000 †
1524.0
1805.0
818.8
.063
1.60
.738
18.75
786
3496
7.40
187.96
1042A
12
E1
2500 †
762.0
1327.5
602.2
.085
2.16
.935
23.75
1161
5164
9.40
238.76
1043A
16
E1
2500 †
762.0
1765.0
800.6
.085
2.16
1.035
26.29
1537
6837
10.40
264.16
1044A
20
E1
2500 †
762.0
2062.5
935.6
.085
2.16
1.146
29.11
1912
8505
11.50
292.10
1045A
24
E1
1250 †
381.0
1241.3
563.1
.085
2.16
1.272
32.31
2287
10173
12.70
322.58
1046A
36
E1
Bulk ††
Bulk
—
—
.085
2.16
1.454
36.93
3413
15182
14.50
368.30
1047A
50
E1
Bulk ††
Bulk
—
—
.120
3.05
1.781
45.24
4726
21022
17.80
452.12
E1, E2 = Refer to Technical Information section for color code.
Alternate color coding available upon request.
Multiple pair or triad cables have each pair/triad numbered for ease of identification.
†Final put-up length may vary ±10% from length shown.
††Bulk = Check length available for specific construction.
Rip Cord
Rip Cord
Rip Cord
Rip Cord
Drain Wire
Drain Wires
Drain Wire
NEC: TC, NPLF
ICEA S-73-532, ICEA S-61-402
ICEA T-29-520
FT4/IEEE 1202/383
NEC: TC, NPLF
ICEA S-73-532, ICEA S-61-402
ICEA T-29-520
FT4/IEEE 1202/383
NEC: TC, NPLF
ICEA S-73-532
ICEA S-61-402
ICEA T-29-520
FT4/IEEE 1202/383
NEC: TC, NPLF
ICEA S-73-532
ICEA S-61-402
ICEA T-29-520
FT4/IEEE 1202/383
Bare
Tinned
Insulation/Jacket
AB
PVC-Nylon/PVC
CD
XLPE/PVC
EF
FRPO/PVC
GH
XLPE/TPE
KL
TPE/TPE
MN
PVC-Nylon/Oil Res II
QR
XLPE/CPE
ST
XLPE/Haloarrest®
Conductor, Insulation and Jacket Options**
**For 1000 and 3000 Series cables only.
1234
A
E
Start
Add or
Add for
with
replace
Exposed
Part
letter code Run rating
No.
for desired if desired
conductor,
insulation & jacket
To Specify:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com