Electronic Components Datasheet Search
  English  ▼

X  

9331 Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # 9331
Description  300V Power-Limited Tray Cables ??Overview
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

9331 Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button 9331 Datasheet HTML 13Page - List of Unclassifed Manufacturers 9331 Datasheet HTML 14Page - List of Unclassifed Manufacturers 9331 Datasheet HTML 15Page - List of Unclassifed Manufacturers 9331 Datasheet HTML 16Page - List of Unclassifed Manufacturers 9331 Datasheet HTML 17Page - List of Unclassifed Manufacturers 9331 Datasheet HTML 18Page - List of Unclassifed Manufacturers 9331 Datasheet HTML 19Page - List of Unclassifed Manufacturers 9331 Datasheet HTML 20Page - List of Unclassifed Manufacturers 9331 Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
IN D U STRIAL
A U T OMA TION
&
PR OCE S S
CO NTR O L
C ABLES
18.57
For more information, contact Belden T echnical Support: 1-800-BELDEN-1 • www .belden.com
UL Instrumentation Cable
600V Tray Cables
Industrial Grade Sunlight- and Oil-Resistant Jackets
18 AWG Pairs Stranded (19x30) Tinned Copper Conductors • Twisted Pairs
Unshielded • PVC/Nylon Insulation • Black PVC Jacket
9486
1
E2
1000
304.8
43.0
19.5
.048
1.22
.275
6.99
50
222
2.75
69.85
Overall Beldfoil® Shield (100% Coverage) • PVC/Nylon Insulation • Black PVC Jacket
9341
1
E2
500
152.4
22.0
10.0
.048
1.22
.276
7.01
63
280
2.75
69.85
1000
304.8
43.0
19.5
18 AWG Pairs Stranded (7x26) Bare Copper Conductors • Twisted Pairs
Overall Beldfoil Shield (100% Coverage) • PVC/Nylon Insulation • Black PVC Jacket (See chart below for other options)
1120A
1
E2
10000 †
3048.0
450.0
204.3
.048
1.22
.278
7.06
59
262
2.80
71.12
3088A
1
E1
10000 †
3048.0
510.0
231.3
.048
1.22
.278
7.06
67
298
2.80
71.12
1063A
2
E1
10000 †
3048.0
790.0
358.3
.053
1.35
.407
10.34
112
498
4.10
104.14
1064A
4
E1
7500 †
2286.0
892.5
404.8
.053
1.35
.470
11.94
202
899
4.70
119.38
1065A
8
E1
7500 †
2286.0
1650.0
748.4
.064
1.63
.599
15.21
381
1695
6.00
152.40
1066A
12
E1
5000 †
1524.0
1520.0
689.5
.064
1.63
.717
18.21
560
2491
7.20
182.88
1067A
16
E1
5000 †
1524.0
1905.0
864.1
.064
1.63
.793
20.14
739
3287
8.00
203.20
1068A
24
E1
2500 †
762.0
1487.5
674.7
.084
2.13
1.017
25.83
1098
4884
10.30
261.62
1087A
36
E1
1250 †
381.0
1005.0
455.9
.084
2.13
1.178
29.97
1635
7273
11.70
297.18
1088A
50
E1
Bulk ††
Bulk
—
—
.084
2.13
1.446
36.73
2262
10062
14.50
368.30
Individually Shielded + Overall Beldfoil Shield (100% Coverage) • PVC/Nylon Insulation • Black PVC Jacket (Options below)
1048A
2
E1
7500 †
2286.0
622.5
282.4
.048
1.22
.381
9.68
140
623
3.80
96.52
1049A
4
E1
7500 †
2286.0
1057.5
479.7
.053
1.35
.489
12.42
258
1148
4.90
124.46
1050A
8
E1
7500 †
2286.0
1965.0
891.3
.064
1.63
.654
16.61
350
1557
6.60
167.64
1051A
12
E1
5000 †
1524.0
1915.0
868.6
.064
1.63
.785
19.94
728
3238
7.90
200.66
1052A
16
E1
2500 †
762.0
1267.5
574.9
.084
2.13
.898
22.81
963
4284
9.00
228.60
1053A
24
E1
2500 †
762.0
1907.5
865.2
.084
2.13
1.115
28.32
1434
6379
11.10
281.94
1054A
36
E1
1250 †
381.0
1270.0
576.1
.084
2.13
1.299
32.99
2139
9515
13.00
330.20
1038A
50
E1
Bulk ††
Bulk
—
—
.084
2.13
1.527
38.79
2962
13176
15.30
388.62
E1, E2 = Refer to Technical Information section for color code. Alternate color coding available upon request.
Multiple pair or triad cables have each pair/triad numbered for ease of identification.
†Final put-up length may vary ±10% from length shown.
††Bulk = Check length available for specific construction.
Standard
Lengths
Ft.
Color
Code
mm
Jacket
Thickness
Inch
mm
Nominal
OD
Lbs.
N
Maximum
Pull Tension
Inch
Part
No.
Description
Minimum
Bend Radius
m
Standard
Unit Weight
No.
of
Pairs
Lbs.
kg
Inch
mm
Conductor, Insulation and Jacket Options**
Bare
Tinned
Insulation/Jacket
AB
PVC-Nylon/PVC
CD
XLPE/PVC
EF
FRPO/PVC
GH
XLPE/TPE
KL
TPE/TPE
MN
PVC-Nylon/Oil Res II
QR
XLPE/CPE
ST
XLPE/Haloarrest®
**For 1000 and 3000 Series cables only.
Rip Cord
Rip Cord
Rip Cord
Rip Cord
Drain Wire
Drain Wires
Drain Wire
NEC: TC, NPLF
ICEA S-73-532, ICEA S-61-402
ICEA T-29-520
FT4/IEEE 1202/383
NEC: TC, NPLF
ICEA S-73-532, ICEA S-61-402
ICEA T-29-520
FT4/IEEE 1202/383
NEC: TC, NPLF
ICEA S-73-532
ICEA S-61-402
ICEA T-29-520
FT4/IEEE 1202/383
NEC: TC, NPLF
ICEA S-73-532
ICEA S-61-402
ICEA T-29-520
FT4/IEEE 1202/383
1234
A
E
Start
Add or
Add for
with
replace
Exposed
Part
letter code Run rating
No.
for desired if desired
conductor,
insulation & jacket
To Specify:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com