Electronic Components Datasheet Search
  English  ▼

X  

9331 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # 9331
Description  300V Power-Limited Tray Cables ??Overview
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

9331 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button 9331 Datasheet HTML 6Page - List of Unclassifed Manufacturers 9331 Datasheet HTML 7Page - List of Unclassifed Manufacturers 9331 Datasheet HTML 8Page - List of Unclassifed Manufacturers 9331 Datasheet HTML 9Page - List of Unclassifed Manufacturers 9331 Datasheet HTML 10Page - List of Unclassifed Manufacturers 9331 Datasheet HTML 11Page - List of Unclassifed Manufacturers 9331 Datasheet HTML 12Page - List of Unclassifed Manufacturers 9331 Datasheet HTML 13Page - List of Unclassifed Manufacturers 9331 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
UL Instrumentation Cable
300V Power-Limited Tray Cables
Industrial Grade Sunlight- and Oil-Resistant Jackets
IN D U STRIAL
A U T OMA TION
&
PR OCE S S
CO NTR O L
C ABLES
18.50
For more information, contact Belden T echnical Support: 1-800-BELDEN-1 • www .belden.com
Standard
Lengths
Ft.
Color
Code
mm
Jacket
Thickness
Inch
mm
Nominal
OD
Lbs.
N
Maximum
Pull Tension
Inch
Part
No.
Description
Minimum
Bend Radius
m
Standard
Unit Weight
No.
of
Triads
Lbs.
kg
Inch
mm
16 AWG Triads Stranded (19x29) Tinned Copper Conductors • Twisted Triads
Unshielded • PVC Insulation • Chrome PVC Jacket
9494
1
E1
U-500
U-152.4
24.5
11.1
.037
.94
.268
6.81
91
405
2.75
69.85
U-1000
U-304.8
48.0
21.8
Overall Beldfoil® Shield (100% Coverage)• PVC Insulation • Chrome PVC Jacket
9366
1
E1
U-500
U-152.4
27.5
12.5
.037
.94
.270
6.86
116
516
2.75
69.85
U-1000
U-304.8
54.0
24.5
16 AWG Triads Stranded (7x24) Bare Copper Conductors • Twisted Triads
Unshielded • PVC Insulation • Black PVC Jacket (See chart below for other options)
1034A
1
E1
1000
304.8
51.0
23.2
.037
.94
.268
6.81
107
476
2.75
69.85
4000 †
1219.2
208.0
94.4
Overall Beldfoil Shield (100% Coverage) • PVC Insulation • Black PVC Jacket (See chart below for other options)
1031A
1
E1
1000
304.8
58.0
26.4
.037
.94
.271
6.88
130
578
2.75
69.85
10000 †
3048.0
610.0
276.7
3044A
2
E1
Bulk ††
Bulk
—
—
.053
1.35
.483
12.27
259
1152
4.75
120.65
3046A
4
E1
Bulk ††
Bulk
—
—
.053
1.35
.570
14.40
473
2104
5.75
146.05
3048A
8
E1
Bulk ††
Bulk
—
—
.063
1.60
.760
19.30
902
4013
7.50
190.50
3052A
16
E1
Bulk ††
Bulk
—
—
.074
1.88
1.032
26.21
1758
7821
11.25
285.75
3054A
24
E1
Bulk ††
Bulk
—
—
.074
1.88
1.180
29.90
2615
11633
11.75
298.45
Individually Shielded + Overall Beldfoil Shield (100% Coverage) • PVC Insulation • Black PVC Jacket (Options below)
3045A
2
E1
Bulk ††
Bulk
—
—
.053
1.35
.506
12.80
304
1352
5.00
127.00
3047A
4
E1
Bulk ††
Bulk
—
—
.053
1.35
.569
14.45
563
2505
6.00
152.40
3049A
8
E1
Bulk ††
Bulk
—
—
.064
1.63
.764
19.41
1081
4809
8.00
203.20
3069A
12
E1
Bulk ††
Bulk
—
—
.074
1.88
.998
25.35
1500
6673
10.00
254.00
3053A
16
E1
Bulk ††
Bulk
—
—
.074
1.88
1.150
29.20
2117
9418
11.50
292.10
3055A
24
E1
Bulk ††
Bulk
—
—
.084
2.13
1.320
33.53
3153
14026
13.25
336.55
E1 = Refer to Technical Information section for color code.
Alternate color coding available upon request.
Multiple pair or triad cables have each pair/triad numbered for ease of identification.
†Final put-up length may vary ±10% from length shown.
††Bulk = Check length available for specific construction.
Rip Cord
Rip Cord
Rip Cord
Rip Cord
Drain Wire
Drain Wires
Communication Wire
Rip Cord
Communication Wire
Drain Wire
NEC: PLTC, ITC, CMG
CEC: CMG FT4
IEEE 1202/383
ICEA T-29-520
NEC: PLTC, ITC, CMG
CEC: CMG FT4
IEEE 1202/383
ICEA T-29-520
NEC: PLTC, ITC, CMG
CEC: CMG FT4
IEEE 1202/383
ICEA T-29-520
NEC: PLTC, ITC, CMG
CEC: CMG FT4
IEEE 1202/383
ICEA T-29-520
NEC: PLTC, ITC, CMG
CEC: CMG FT4
IEEE 1202/383
ICEA T-29-520
Conductor, Insulation and Jacket Options**
Bare
Tinned
Insulation/Jacket
AB
PVC/PVC
CD
XLPE/PVC
KL
TPE/TPE
QR
XLPE/CPE
ST
XLPE/Haloarrest®
**For 1000 and 3000 Series cables only.
1234
A
E
Start
Add or
Add for
with
replace
Exposed
Part
letter code Run rating
No.
for desired if desired
conductor,
insulation & jacket
To Specify:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com