Electronic Components Datasheet Search
  English  ▼

X  

9331 Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # 9331
Description  300V Power-Limited Tray Cables ??Overview
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

9331 Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button 9331 Datasheet HTML 14Page - List of Unclassifed Manufacturers 9331 Datasheet HTML 15Page - List of Unclassifed Manufacturers 9331 Datasheet HTML 16Page - List of Unclassifed Manufacturers 9331 Datasheet HTML 17Page - List of Unclassifed Manufacturers 9331 Datasheet HTML 18Page - List of Unclassifed Manufacturers 9331 Datasheet HTML 19Page - List of Unclassifed Manufacturers 9331 Datasheet HTML 20Page - List of Unclassifed Manufacturers 9331 Datasheet HTML 21Page - List of Unclassifed Manufacturers 9331 Datasheet HTML 22Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
18 AWG Pairs Stranded (7x26) Bare Copper Conductors • Twisted Pairs
Overall Beldfoil Shield (100% Coverage) • PVC/Nylon Insulation • Black PVC Jacket (Green Ground)
3088AE
1
E1
1000
3048.0
63.0
28.6
.048
1.22
.340
8.64
80
356
3.40
86.36
5000 †
1524.0
320.0
145.3
Overall Beldfoil Shield (100% Coverage) • XLPE Insulation • Black PVC Jacket (Green Ground)
3088CE
1
E1
1000
3048.0
66.0
30.0
.048
1.22
.340
8.64
80
356
3.40
86.36
5000 †
1524.0
375.0
170.3
18 AWG Triads Stranded (7x26) Bare Copper Conductors • Twisted Triads
Overall Beldfoil® Shield (100% Coverage) • PVC/Nylon Insulation • Black PVC Jacket (See chart below for other options)
1121A
1
E2
500 †
152.4
27.5
12.5
.048
1.22
.282
7.16
90
400
2.75
69.85
1000 †
304.8
53.0
24.0
10000 †
3048.0
560.0
254.0
3089A
1
E1
10000 †
3048.0
590.0
267.6
.048
1.22
.284
7.21
90
400
2.75
69.85
Individually Shielded + Overall Beldfoil Shield (100% Coverage) • PVC/Nylon Insulation • Black PVC Jacket (Options below)
3064A
2
E1
Bulk ††
Bulk
—
—
.048
1.22
.493
12.52
185
823
4.75
120.65
1093A
4
E1
7500 †
2286.0
1545.0
700.8
.063
1.60
.577
14.66
347
1544
6.00
152.40
1094A
8
E1
5000 †
1524.0
1755.0
796.1
.063
1.60
.745
18.92
672
2989
7.50
190.50
1095A
12
E1
2500 †
762.0
1320.0
598.8
.084
2.13
.944
23.98
997
4435
9.75
247.65
5000 †
1524.0
2875.0
1304.1
3066A
16
E1
Bulk ††
Bulk
—
—
.084
2.13
1.046
26.57
1322
5881
10.50
266.70
1096A
24
E1
Bulk ††
Bulk
—
—
.084
2.13
1.284
32.61
1971
8767
13.00
330.20
E1, E2 = Refer to Technical Information section for color code.
Alternate color coding available upon request.
Multiple pair or triad cables have each pair/triad numbered for ease of identification.
†Final put-up length may vary ±10% from length shown.
††Bulk = Check length available for specific construction.
IN D U STRIAL
A U T OMA TION
&
PR OCE S S
CO NTR O L
C ABLES
18.58
For more information, contact Belden T echnical Support: 1-800-BELDEN-1 • www .belden.com
UL Instrumentation Cable
600V Tray Cables
Industrial Grade Sunlight- and Oil-Resistant Jackets
Conductor, Insulation and Jacket Options
Bare
Tinned
Insulation/Jacket
AB
PVC-Nylon/PVC
CD
XLPE/PVC
EF
FRPO/PVC
GH
XLPE/TPE
KL
TPE/TPE
MN
PVC-Nylon/Oil Res II
QR
XLPE/CPE
ST
XLPE/Haloarrest®
Standard
Lengths
Ft.
Color
Code
mm
Jacket
Thickness
Inch
mm
Nominal
OD
Lbs.
N
Maximum
Pull Tension
Inch
Part
No.
Description
Minimum
Bend Radius
m
Standard
Unit Weight
No.
of
Pairs/
Triads
Lbs.
kg
Inch
mm
Rip Cord
Drain Wire
Drain Wires
Rip Cord
NEC: TC, NPLF
ICEA S-73-532
ICEA S-61-402
ICEA T-29-520
FT4/IEEE 1202/383
NEC: TC, NPLF
ICEA S-73-532
ICEA S-61-402
ICEA T-29-520
FT4/IEEE 1202/383
1234
A
E
Start
Add or
Add for
with
replace
Exposed
Part
letter code Run rating
No.
for desired if desired
conductor,
insulation & jacket
To Specify:
Rip Cord
Drain Wire
NEC: TC-ER, NPLF
ICEA S-73-532
ICEA S-61-402
ICEA T-29-520
FT4/IEEE 1202/383
NEC: TC-ER, NPLF
ICEA S-73-532
ICEA S-66-524
ICEA T-29-520
FT4/IEEE 1202/383
Ground
Rip Cord
Drain Wire
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com