Electronic Components Datasheet Search
  English  ▼

X  

9331 Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # 9331
Description  300V Power-Limited Tray Cables ??Overview
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

9331 Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button 9331 Datasheet HTML 11Page - List of Unclassifed Manufacturers 9331 Datasheet HTML 12Page - List of Unclassifed Manufacturers 9331 Datasheet HTML 13Page - List of Unclassifed Manufacturers 9331 Datasheet HTML 14Page - List of Unclassifed Manufacturers 9331 Datasheet HTML 15Page - List of Unclassifed Manufacturers 9331 Datasheet HTML 16Page - List of Unclassifed Manufacturers 9331 Datasheet HTML 17Page - List of Unclassifed Manufacturers 9331 Datasheet HTML 18Page - List of Unclassifed Manufacturers 9331 Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
IN D U STRIAL
A U T OMA TION
&
PR OCE S S
CO NTR O L
C ABLES
18.55
For more information, contact Belden T echnical Support: 1-800-BELDEN-1 • www .belden.com
UL Instrumentation Cable
High-Temperature Thermocouple Extension Cables and Thermocouple Wire
Industrial Grade Sunlight- and Oil-Resistant Jackets
High-Temp Extension Cable • 20 AWG Solid Conductors • (See chart on page 18.53 for conductor specifications by ANSI Type)
Plenum • Unshielded • FEP Insulation • FEP Jacket
300V 200°C
83932
KX
2/c
Yellow, Red
Yellow
500 †
152.4
6.5
3.0
.010
.25
.076
1.93
NEC: PLTC, CL3P
1000 †
304.8
12.0
5.4
xx
.128
3.25
83934
TX
2/c
Blue, Red
Blue
1000 †
304.8
13.0
6.0
.010
.25
.076
1.93
xx
.128
3.25
High-Temp Extension Cable • 20 AWG Stranded (7x28) Conductors • (See chart on page 18.53 for conductor specifications by ANSI Type)
Plenum • Unshielded • FEP Insulation • FEP Jacket
300V 200°C
83930
JX
2/c
White, Red
Black
500 †
152.4
7.5
3.4
.010
.25
.082
2.08
NEC: PLTC, CL3P
1000 †
304.8
13.0
6.0
xx
.140
3.56
Plenum • Overall Beldfoil® Shield (100% Coverage) • FEP Insulation • FEP Jacket
300V 200°C
83955
EX
1 pr.
Purple, Red
Purple
500 †
152.4
9.0
4.1
.010
.25
.145
3.68
NEC: PLTC, CL3P
1000 †
304.8
16.0
7.3
83950
JX
1 pr.
White, Red
Black
500 †
152.4
9.5
4.3
.010
.25
.145
3.68
1000 †
304.8
16.0
7.3
83952
KX
1 pr.
Yellow, Red
Yellow
500 †
152.4
9.5
4.3
.010
.25
.145
3.68
1000 †
304.8
16.0
7.3
83954
TX
1 pr.
Blue, Red
Blue
500 †
152.4
9.0
4.1
.010
.25
.145
3.68
1000 †
304.8
17.0
7.7
High-Temp Extension Cable • 16 AWG Pairs Solid Conductors • (See chart on page 18.53 for conductor specifications by ANSI Type)
Plenum • Overall Beldfoil Shield (100% Coverage) • FEP Insulation • FEP Jacket
300V 200°C
1114A
EX
1
Purple, Red
Purple
5000 †
1524.0
160.0
72.6
.010
.25
.172
4.37
NEC: PLTC, CL3P
1115A
JX
1
White, Red
Black
5000 †
1524.0
155.0
70.4
.010
.25
.172
4.37
1116A
KX
1
Yellow, Red
Yellow
5000 †
1524.0
160.0
72.6
.010
.25
.171
4.34
1117A
TX
1
Blue, Red
Blue
5000 †
1524.0
160.0
72.6
.010
.25
.172
4.37
High-Temp Extension Cable • 16 AWG Pairs Stranded (7x24) Conductors • (See chart on page 18.53 for conductor specifications by ANSI Type)
Plenum • Overall Beldfoil Shield (100% Coverage) • FEP Insulation • FEP Jacket
300V 200°C
83951
JX
1
White, Red
Black
500 †
152.4
16.0
7.3
.010
.25
.189
4.80
NEC: PLTC, CL3P
1000 †
304.8
35.0
15.9
83953
KX
1
Yellow, Red
Yellow
500 †
152.4
16.0
7.3
.010
.25
.187
4.75
1000 †
304.8
32.0
14.5
High-Temp Thermocouple Wire • 20 AWG Solid Conductors • (See chart on page 18.53 for conductor specifications by ANSI Type)
Plenum • Unshielded • FEP Insulation • FEP Jacket
300V 200°C
83915
E
2/c
Purple, Red
Brown
500 †
152.4
7.0
3.2
.010
.25
.076
1.93
NEC: PLTC, CL3P
1000 †
304.8
13.0
6.0
xx
.128
3.25
83900
J
2/c
White, Red
Brown
100
30.5
2.1
1.0
.010
.25
.076
1.93
500 †
152.4
7.0
3.2
xx
1000 †
304.8
13.0
6.0
.128
3.25
83905
K
2/c
Yellow, Red
Brown
100
30.5
2.1
1.0
.010
.25
.076
1.93
500 †
152.4
7.0
3.2
xx
1000 †
304.8
12.0
5.4
.128
3.25
83910
T
2/c
Blue, Red
Brown
100
30.5
2.1
1.0
.010
.25
.076
1.93
500 †
152.4
7.0
3.2
xx
1000 †
304.8
12.0
5.4
.128
3.25
FEP = Fluorinated Ethylene-propylene
Multiple pair cables have each pair numbered for ease of identification.
†Final put-up length may vary ±10% from length shown.
Jacket
Color
Inch
mm
Nominal
OD
Standard
Lengths
Ft.
Color
Code
No.
of
Pairs/
Cond.
Inch
mm
Insulation
Thickness
Part
No.
Description
m
Standard
Unit Weight
ANSI
Type
Lbs.
kg
Drain Wire
Drain Wire
Drain Wire



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com