Electronic Components Datasheet Search
  English  ▼

X  

RT9149 Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT9149
Description  20V, 350mA, Rail-to-Rail Operational Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9149 Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT9149 Datasheet HTML 1Page - Richtek Technology Corporation RT9149 Datasheet HTML 2Page - Richtek Technology Corporation RT9149 Datasheet HTML 3Page - Richtek Technology Corporation RT9149 Datasheet HTML 4Page - Richtek Technology Corporation RT9149 Datasheet HTML 5Page - Richtek Technology Corporation RT9149 Datasheet HTML 6Page - Richtek Technology Corporation RT9149 Datasheet HTML 7Page - Richtek Technology Corporation RT9149 Datasheet HTML 8Page - Richtek Technology Corporation RT9149 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
RT9148/9
5
DS9148/9-04
October 2013
www.richtek.com
©
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Note 1. Stresses beyond those listed
“Absolute Maximum Ratings” may cause permanent damage to the device. These are
stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in
the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions may
affect device reliability.
Note 2.
θJA is measured at TA = 25°C on a high effective thermal conductivity four-layer test board per JEDEC 51-7. θJC is
measured at the exposed pad of the package.
Note 3. Devices are ESD sensitive. Handling precaution is recommended.
Note 4. The device is not guaranteed to function outside its operating conditions.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Output Characteristics
Output Swing Low
VOL
IL = 50mA
--
0.6
1.5
V
Output Swing High
VOH
IL = 50mA
VS+
1.5
VS+
0.3
--
V
Transient Peak Output
Current
IPK
300
350
400
mA
Power Supply
Power Supply Rejection
Ratio
PSRR
VS+ = 6V to 20V, VCM = VOUTx = VS+ / 2
--
96
--
dB
Quiescent Current
IDD
No Load
--
4
--
mA
Dynamic Performance
Slew Rate
SR
4V step, 20% to 80%, AV = 1
--
35
--
V/
s
Setting to ±0.1% (AV = 1) tS
AV = 1, VOUTx = 2V step
RL = 10k, CL = 10pF
--
270
--
ns
3dB Bandwidth
BW
RL = 10k, CL = 10pF
--
16
--
MHz
Gain-Bandwidth Product
GBWP
RL = 10k, CL = 10pF
--
12
--
MHz
Phase Margin
PM
RL = 10k, CL = 10pF
--
50
--
--



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com