Electronic Components Datasheet Search
  English  ▼

X  

RT9149 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9149
Description  20V, 350mA, Rail-to-Rail Operational Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9149 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9149 Datasheet HTML 1Page - Richtek Technology Corporation RT9149 Datasheet HTML 2Page - Richtek Technology Corporation RT9149 Datasheet HTML 3Page - Richtek Technology Corporation RT9149 Datasheet HTML 4Page - Richtek Technology Corporation RT9149 Datasheet HTML 5Page - Richtek Technology Corporation RT9149 Datasheet HTML 6Page - Richtek Technology Corporation RT9149 Datasheet HTML 7Page - Richtek Technology Corporation RT9149 Datasheet HTML 8Page - Richtek Technology Corporation RT9149 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
RT9148/9
®
DS9148/9-04
October 2013
www.richtek.com
1
©
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Applications
TFT LCD Panels
Notebook Computers
Monitors
LCD TVs
20V, 350mA, Rail-to-Rail Operational Amplifier
General Description
The RT9148/9 consists of a low power, high slew rate,
single supply rail-to-rail input and output operational
amplifier. The RT9148 contains a single amplifier and
RT9149 contains two amplifiers in one package.
The RT9148/9 has a high slew rate (35V/
μs), 350mA peak
output current and offset voltage below 15mV. The
RT9148/9 is ideal for Thin Film Transistor Liquid Crystal
Displays (TFT-LCD).
The RT9148 is available in the WDFN-6L 2x2, TSOT-23-5
and UDFN-6L 2x2 packages. The RT9149 is available in
the WDFN-8L 3x3 package. The RT9148/9 are specified
for operation over the full temperature range from
−40°C to
85
°C.
Features
Rail-to-Rail Output Swing
Supply Voltage : 6V to 20V
Peak Output Current : 350mA
High Slew Rate : 35V/
μμμμμs
Unity Gain Stable
RoHS Compliant and Halogen Free
Marking Information
RT9148ZQW
0EW
0E : Product Code
W : Date Code
00=DNN
00 : Product Code
DNN : Date Code
RT9148GJ5
86 YM
DNN
86 : Product Code
YMDNN : Date Code
RT9149ZQW
2D : Product Code
W : Date Code
RT9148GQU
2DW
Ordering Information
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
RT9149
Package Type
QW : WDFN-8L 3x3 (W-Type)
Lead Plating System
Z : ECO (Ecological Element with
Halogen Free and Pb free)
RT9148
Package Type
QW : WDFN-6L 2x2 (W-Type)
Lead Plating System
Z : ECO (Ecological Element with
Halogen Free and Pb free)
RT9148
Package Type
J5 : TSOT-23-5
QU : UDFN-6L 2x2 (U-Type)
Lead Plating System
G : Green (Halogen Free and Pb Free)


Similar Part No. - RT9149

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9146 RICHTEK-RT9146 Datasheet
142Kb / 11P
20V, 1A, Rail-to-Rail Operational Amplifier
RT9146 RICHTEK-RT9146 Datasheet
178Kb / 12P
Rail-to-Rail Operational Amplifier
RT9146ZQW RICHTEK-RT9146ZQW Datasheet
178Kb / 12P
Rail-to-Rail Operational Amplifier
RT9146ZQWA RICHTEK-RT9146ZQWA Datasheet
178Kb / 12P
Rail-to-Rail Operational Amplifier
RT9146 RICHTEK-RT9146_13 Datasheet
178Kb / 12P
Rail-to-Rail Operational Amplifier
More results

Similar Description - RT9149

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD1712A ALD-ALD1712A_05 Datasheet
49Kb / 6P
RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
logo
Richtek Technology Corp...
RT9133A RICHTEK-RT9133A Datasheet
218Kb / 13P
Rail-to-Rail Operational Amplifier
RT9134 RICHTEK-RT9134 Datasheet
227Kb / 11P
Rail-to-Rail Quad Operational Amplifier
logo
Advanced Linear Devices
ALD1712 ALD-ALD1712_10 Datasheet
85Kb / 9P
RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
logo
Richtek Technology Corp...
RT9137 RICHTEK-RT9137 Datasheet
309Kb / 21P
Rail-to-Rail Operational Amplifier
RT9146 RICHTEK-RT9146 Datasheet
142Kb / 11P
20V, 1A, Rail-to-Rail Operational Amplifier
logo
Texas Instruments
OPA348-Q1 TI1-OPA348-Q1_16 Datasheet
1Mb / 32P
CMOS Rail-to-Rail Operational Amplifier
logo
ON Semiconductor
LMV301 ONSEMI-LMV301_16 Datasheet
139Kb / 13P
Rail-to-Rail Operational Amplifier
August, 2016 ??Rev. 3
NCS20061 ONSEMI-NCS20061_16 Datasheet
774Kb / 20P
Operational Amplifier Rail-to-Rail Input
August, 2016 ??Rev. 4
logo
Richtek Technology Corp...
RT9146 RICHTEK-RT9146_13 Datasheet
178Kb / 12P
Rail-to-Rail Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com