Electronic Components Datasheet Search
  English  ▼

X  

RT9149 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9149
Description  20V, 350mA, Rail-to-Rail Operational Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9149 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9149 Datasheet HTML 1Page - Richtek Technology Corporation RT9149 Datasheet HTML 2Page - Richtek Technology Corporation RT9149 Datasheet HTML 3Page - Richtek Technology Corporation RT9149 Datasheet HTML 4Page - Richtek Technology Corporation RT9149 Datasheet HTML 5Page - Richtek Technology Corporation RT9149 Datasheet HTML 6Page - Richtek Technology Corporation RT9149 Datasheet HTML 7Page - Richtek Technology Corporation RT9149 Datasheet HTML 8Page - Richtek Technology Corporation RT9149 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
RT9148/9
2
DS9148/9-04
October 2013
www.richtek.com
©
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Typical Application Circuit
Pin Configurations
(TOP VIEW)
WDFN-8L 3x3
RT9149
VS-
NC
VIN+
VIN-
VOUT
VS+
5
4
1
2
3
6
7
WDFN-6L 2x2 / UDFN-6L 2x2
RT9148
VOUTA
VINA-
VS-
VS+
VOUTB
VINB-
VINB+
VINA+
7
6
5
1
2
3
4
8
9
VOUT VS- VIN+
VS+
VIN-
4
23
5
TSOT-23-5
RT9148
Function Block Diagram
VS+
VS-
VOUTA
VINA-
VINA+
+
-
VOUTB
+
-
VINB-
VINB+
WDFN-6L 2x2 / UDFN-6L 2x2
RT9148
WDFN-8L 3x3
RT9149
-
+
VIN+
VIN-
VS+
VOUT
VS-
-
+
VIN+
VIN-
VS+
VOUT
VS-
TSOT-23-5
RT9148
VS+
VS-
+
-
VINx+
VINx-
VOUTx
RS*
TFT-LCD
Capacitance
* : RS may be needed for some applications.
VS+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com