Electronic Components Datasheet Search
  English  ▼

X  

RT9149 Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT9149
Description  20V, 350mA, Rail-to-Rail Operational Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9149 Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button RT9149 Datasheet HTML 4Page - Richtek Technology Corporation RT9149 Datasheet HTML 5Page - Richtek Technology Corporation RT9149 Datasheet HTML 6Page - Richtek Technology Corporation RT9149 Datasheet HTML 7Page - Richtek Technology Corporation RT9149 Datasheet HTML 8Page - Richtek Technology Corporation RT9149 Datasheet HTML 9Page - Richtek Technology Corporation RT9149 Datasheet HTML 10Page - Richtek Technology Corporation RT9149 Datasheet HTML 11Page - Richtek Technology Corporation RT9149 Datasheet HTML 12Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
RT9148/9
8
DS9148/9-04
October 2013
www.richtek.com
©
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Applications Information
The RT9148/9 is a high performance operational amplifier
capable of driving large loads for different applications. A
high slew rates, rail-to-rail input and output capability, and
low power consumption are the features which make the
RT9148/9 ideal for LCD applications. The RT9148/9 also
has wide bandwidth and phase margin to drive a load with
10k
Ω resistance and 10pF capacitance.
Operating Voltage
The RT9148/9 total supply voltage range is guaranteed
from 6V to 20V. The specifications are stable over both
the full supply range and operating temperatures from
−40°C to 85°C. The output swing of the RT9148/9 typically
extends to within 1.5V of positive/negative supply rails
with 50mA load current source/sink. Decreasing the load
current will obtain an output swing even closer to the
supply rails.
Short Circuit Condition
An internal short circuit protection is implemented to
protect the device from output short circuit. The
RT9148/9 limits the short circuit current to
±350mA if the
output is directly shorted to positive/negative supply rails.
LCD Panel Applications
The RT9148/9 is mainly designed for LCD V-com buffer.
The operational amplifier has 350mA instantaneous source/
sink peak current.
Thermal Considerations
For continuous operation, do not exceed absolute
maximum junction temperature. The maximum power
dissipation depends on the thermal resistance of the IC
package, PCB layout, rate of surrounding airflow, and
difference between junction and ambient temperature. The
maximum power dissipation can be calculated by the
following formula :
PD(MAX) = (TJ(MAX)
− TA) / θJA
where TJ(MAX) is the maximum junction temperature, TA is
the ambient temperature, and
θJA is the junction to ambient
thermal resistance.
For recommended operating condition specifications, the
maximum junction temperature is 125
°C. The junction to
ambient thermal resistance,
θJA, is layout dependent. For
WDFN-6L 2x2 packages, the thermal resistance,
θJA, is
47.5
°C/W on a standard JEDEC 51-7 four-layer thermal
test board. For TSOT-23-5 packages, the thermal
resistance,
θJA, is 230.6°C/W on a standard JEDEC 51-7
four-layer thermal test board. For UDFN-6L 2x2 packages,
the thermal resistance,
θJA, is 47.7°C/W on a standard
JEDEC 51-7 four-layer thermal test board. For WDFN-8L
3x3 packages, the thermal resistance,
θJA, is 31°C/W on
a standard JEDEC 51-7 four-layer thermal test board. The
maximum power dissipation at TA = 25
°C can be calculated
by the following formula :
PD(MAX) = (125
°C − 25°C) / (47.5°C/W) = 2.1W for
WDFN-6L 2x2 package
PD(MAX) = (125
°C − 25°C) / (230.6°C/W) = 0.43W for
TSOT-23-5 package
PD(MAX) = (125
°C − 25°C) / (47.7°C/W) = 2.09W for
WDFN-6L 2x2 package
PD(MAX) = (125
°C − 25°C) / (31°C/W) = 3.22W for
WDFN-8L 3x3 package
The maximum power dissipation depends on the operating
ambient temperature for fixed TJ(MAX) and thermal
resistance,
θJA. The derating curve in Figure 1 allows the
designer to see the effect of rising ambient temperature
on the maximum power dissipation.
Figure 1. Derating Curve of Maximum Power Dissipation
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
4.0
0
25
50
75
100
125
Ambient Temperature (°C)
Four-Layer PCB
WDFN 6L 2x2
WDFN 8L 3x3
TSOT-23-5
UDFN 6L 2x2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com