Electronic Components Datasheet Search
  English  ▼

X  

RT9149 Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # RT9149
Description  20V, 350mA, Rail-to-Rail Operational Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9149 Datasheet(HTML) 6 Page - Richtek Technology Corporation

Back Button RT9149 Datasheet HTML 2Page - Richtek Technology Corporation RT9149 Datasheet HTML 3Page - Richtek Technology Corporation RT9149 Datasheet HTML 4Page - Richtek Technology Corporation RT9149 Datasheet HTML 5Page - Richtek Technology Corporation RT9149 Datasheet HTML 6Page - Richtek Technology Corporation RT9149 Datasheet HTML 7Page - Richtek Technology Corporation RT9149 Datasheet HTML 8Page - Richtek Technology Corporation RT9149 Datasheet HTML 9Page - Richtek Technology Corporation RT9149 Datasheet HTML 10Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
RT9148/9
6
DS9148/9-04
October 2013
www.richtek.com
©
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Typical Operating Characteristics
Input Offset Voltage vs. Temperature
-2
-1
0
1
2
-50
-25
0
25
50
75
100
125
Temperature (
C)
Unity Gain, VINA+ = 8V, VS+ = 16V, VS− = 0V
Rail to Rail
Time (25
μs/Div)
VINA+
(2.8V/Div)
VOUTA
(2.8V/Div)
Unity Gain,
f = 10kHz
VINA+ = 0.5V to 15.5V, VS+ = 16V, VS− = 0V
Input Offset Voltage vs. Supply Voltage
-1.0
-0.5
0.0
0.5
6
8
10
12
14
16
18
20
Supply Voltage (V)
Unity Gain, VINA+ = VS+ / 2,
VS+ = 6V to 20V, VS− = 0V
Output Voltage Swing vs. Supply Voltage
-0.6
-0.4
-0.2
0.0
0.2
0.4
6
8
10
12
14
16
18
20
Supply Voltage (V)
VS+ = 6V to 20V, VS− = 0V
Swing Low, VINA+ = 0V,
VINA− = 3V, ILOAD =
−50mA
Swing High, VINA+ = 3V,
VINA− = 0V, ILOAD = 50mA
Supply Current / Amplifier vs. Temperature
0
1
2
3
4
5
-50
-25
0
25
50
75
100
125
Temperature (°C)
Unity Gain, One OP, VINx+ = 8V,
VS+ = 16V, VS− = 0V
Supply Current / Amplifier vs. Supply Voltage
1
2
3
4
5
6
8
10
12
14
16
18
20
Supply Voltage (V)
Unity Gain, One OP, VINx+ = VS+ / 2,
VS+ = 6V to 20V, VS− = 0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com