Electronic Components Datasheet Search
  English  ▼

X  

RT9149 Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT9149
Description  20V, 350mA, Rail-to-Rail Operational Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9149 Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT9149 Datasheet HTML 1Page - Richtek Technology Corporation RT9149 Datasheet HTML 2Page - Richtek Technology Corporation RT9149 Datasheet HTML 3Page - Richtek Technology Corporation RT9149 Datasheet HTML 4Page - Richtek Technology Corporation RT9149 Datasheet HTML 5Page - Richtek Technology Corporation RT9149 Datasheet HTML 6Page - Richtek Technology Corporation RT9149 Datasheet HTML 7Page - Richtek Technology Corporation RT9149 Datasheet HTML 8Page - Richtek Technology Corporation RT9149 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
RT9148/9
3
DS9148/9-04
October 2013
www.richtek.com
©
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
RT9148
Pin No.
Pin Name
Pin Function
WDFN-6L 2x2,
UDFN-6L 2x2
TSOT-23-5
1,
7 (Exposed Pad)
2
VS
Negative Supply Input.
2
--
NC
No Internal Connection.
3
5
VS+
Positive Supply Input.
4
1
VOUT
Output.
5
4
VIN
Negative Input.
6
3
VIN+
Positive Input.
RT9149
Pin No.
Pin Name
Pin Function
1
VOUTA
Output of Amplifier A.
2
VINA
Negative Input of Amplifier A.
3
VINA+
Positive Input of Amplifier A.
4, 9 (Exposed Pad)
VS
Negative Supply Input.
5
VINB+
Positive Input of Amplifier B.
6
VINB
Negative Input of Amplifier B.
7
VOUTB
Output of Amplifier B.
8
VS+
Positive Supply Input.
Functional Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com