Electronic Components Datasheet Search
  English  ▼

X  

RT9149 Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT9149
Description  20V, 350mA, Rail-to-Rail Operational Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9149 Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT9149 Datasheet HTML 3Page - Richtek Technology Corporation RT9149 Datasheet HTML 4Page - Richtek Technology Corporation RT9149 Datasheet HTML 5Page - Richtek Technology Corporation RT9149 Datasheet HTML 6Page - Richtek Technology Corporation RT9149 Datasheet HTML 7Page - Richtek Technology Corporation RT9149 Datasheet HTML 8Page - Richtek Technology Corporation RT9149 Datasheet HTML 9Page - Richtek Technology Corporation RT9149 Datasheet HTML 10Page - Richtek Technology Corporation RT9149 Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
RT9148/9
7
DS9148/9-04
October 2013
www.richtek.com
©
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Slew Rate
Time (50ns/Div)
VINA+
(5V/Div)
Unity Gain, VINA+ = 4V to 8V,
VS+ = 16V, VS− = 0V, f = 10kHz
VOUTA
(5V/Div)
Rising
Slew Rate
Time (50ns/Div)
Unity Gain, VINA+ = 8V to 4V,
VS+ = 16V, VS− = 0V, f = 10kHz
VINA+
(5V/Div)
VOUTA
(5V/Div)
Falling
−−−−−3dB Bandwidth
Unity Gain, VINA+ = 8V, VS+ = 16V,
VS− = 0V, RL = 10k
Ω, CL = 10pF
Gain Bandwidth Product
Unity Gain, VINA+ = 8V, VS+ = 16V,
VS− = 0V, RL = 10k
Ω, CL = 10pF
Large Signal Response
Time (2.5
μs/Div)
Unity Gain, VINA+ = 6V to 10V,
VS+ = 16V, VS− = 0V, f = 100kHz
VINA+_ac
coupled
(2V/Div)
VOUTA_ac
coupled
(2V/Div)
Small Signal Response
Time (2.5
μs/Div)
VINA+_ac
coupled
(100mV/Div)
Unity Gain, VINA+ = 7.9V to 8.1V,
VS+ = 16V, VS− = 0V, f = 100kHz
VOUTA_ac
coupled
(100mV/Div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com