Electronic Components Datasheet Search
  English  ▼

X  

RT9149 Datasheet(PDF) 12 Page - Richtek Technology Corporation

Part # RT9149
Description  20V, 350mA, Rail-to-Rail Operational Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9149 Datasheet(HTML) 12 Page - Richtek Technology Corporation

Back Button RT9149 Datasheet HTML 5Page - Richtek Technology Corporation RT9149 Datasheet HTML 6Page - Richtek Technology Corporation RT9149 Datasheet HTML 7Page - Richtek Technology Corporation RT9149 Datasheet HTML 8Page - Richtek Technology Corporation RT9149 Datasheet HTML 9Page - Richtek Technology Corporation RT9149 Datasheet HTML 10Page - Richtek Technology Corporation RT9149 Datasheet HTML 11Page - Richtek Technology Corporation RT9149 Datasheet HTML 12Page - Richtek Technology Corporation RT9149 Datasheet HTML 13Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
RT9148/9
12
DS9148/9-04
October 2013
www.richtek.com
©
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
U-Type 6L DFN 2x2 Package
1
1
2
2
Note : The configuration of the Pin #1 identifier is optional,
but must be located within the zone indicated.
DETAIL A
Pin #1 ID and Tie Bar Mark Options
Min.
Max.
Min.
Max.
A
0.500
0.600
0.020
0.024
A1
0.000
0.050
0.000
0.002
A3
0.100
0.175
0.004
0.007
b
0.200
0.300
0.008
0.012
D
1.900
2.100
0.075
0.083
D2
1.350
1.450
0.053
0.057
E
1.900
2.100
0.075
0.083
E2
0.750
0.850
0.030
0.033
e
L
0.300
0.400
0.012
0.016
Symbol
Dimensions In Millimeters
Dimensions In Inches
0.650
0.026



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com