Electronic Components Datasheet Search
  English  ▼

X  

MIC5239 Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC5239
Description  Low Quiescent Current 500mA UCap LDO Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5239 Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MIC5239 Datasheet HTML 2Page - Micrel Semiconductor MIC5239 Datasheet HTML 3Page - Micrel Semiconductor MIC5239 Datasheet HTML 4Page - Micrel Semiconductor MIC5239 Datasheet HTML 5Page - Micrel Semiconductor MIC5239 Datasheet HTML 6Page - Micrel Semiconductor MIC5239 Datasheet HTML 7Page - Micrel Semiconductor MIC5239 Datasheet HTML 8Page - Micrel Semiconductor MIC5239 Datasheet HTML 9Page - Micrel Semiconductor MIC5239 Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MIC5239
Micrel
MIC5239
6
January 2002
0
20
40
60
80
100
120
-20
-10
0
10
SUPPLY VOLTAGE (V)
Input Current
V
EN = 5V
R
LOAD = 30Ω
2.95
2.96
2.97
2.98
2.99
3
3.01
3.02
3.03
3.04
3.05
-40 -20 0
20 40 60 80 100 120
TEMPERATURE (
°C)
Output Voltage
vs. Temperature
I
LOAD = 100µA
0
100
200
300
400
500
600
700
800
900
-40 -20 0
20 40 60 80 100 120
TEMPERATURE (
°C)
Short Circuit
Current
V
IN = 4V
Load Transient Response
TIME (400
µs/div.)
V
IN = 4V
V
OUT = 3V
C
OUT = 4.7µF ceramic
500mA
0mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com