Electronic Components Datasheet Search
  English  ▼

X  

MIC5239 Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC5239
Description  Low Quiescent Current 500mA UCap LDO Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5239 Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MIC5239 Datasheet HTML 4Page - Micrel Semiconductor MIC5239 Datasheet HTML 5Page - Micrel Semiconductor MIC5239 Datasheet HTML 6Page - Micrel Semiconductor MIC5239 Datasheet HTML 7Page - Micrel Semiconductor MIC5239 Datasheet HTML 8Page - Micrel Semiconductor MIC5239 Datasheet HTML 9Page - Micrel Semiconductor MIC5239 Datasheet HTML 10Page - Micrel Semiconductor MIC5239 Datasheet HTML 11Page - Micrel Semiconductor MIC5239 Datasheet HTML 12Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MIC5239
Micrel
MIC5239
8
January 2002
Application Information
The MIC5239 provides all of the advantages of the MIC2950:
wide input voltage range, load dump (positive transients up to
60V), and reversed-battery protection, with the added advan-
tages of reduced quiescent current and smaller package.
Additionally, when disabled, quiescent current is reduced to
0.1
µA.
Enable
A low on the enable pin disables the part, forcing the quies-
cent current to less than 0.1
µA. Thermal shutdown and the
error flag are not functional while the device is disabled. The
maximum enable bias current is 2
µA for a 2.0V input. An open
collector pull-up resistor tied to the input voltage should be set
low enough to maintain 2V on the enable input. Figure 1
shows an open collector output driving the enable pin through
a 200k pull-up resistor tied to the input voltage.
In order to avoid output oscillations, slow transitions from low
to high should be avoided.
COUT
VOUT
VIN
5V
VERR
IN
MIC5239
EN
200k
200k
OUT
GND
SHUTDOWN
ENABLE
FLG
Figure 1. Remote Enable
Input Capacitor
An input capacitor may be required when the device is not
near the source power supply or when supplied by a battery.
Small, surface mount, ceramic capacitors can be used for
bypassing. Larger values may be required if the source
supply has high ripple.
Output Capacitor
The MIC5239 has been designed to minimize the effect of the
output capacitor ESR on the closed loop stability. As a result,
ceramic or film capacitors can be used at the output. Figure 2
displays a range of ESR values for a 10
µF capacitor. Virtually
any 10
µF capacitor with an ESR less than 3.4Ω is sufficient
for stability over the entire input voltage range. Stability can
also be maintained throughout the specified load and line
conditions with 4.7
µF film or ceramic capacitors.
0
1
2
3
4
5
5
1015202530
INPUT VOLTAGE (V)
Stable Region
T
J = 25°C
V
OUT = 10µF
Figure 2. Output Capacitor ESR
Error Detection Comparator Output
The FLAG pin is an open collector output which goes low
when the output voltage drops 5% below it’s internally pro-
grammed level. It senses conditions such as excessive load
(current limit), low input voltage, and over temperature con-
ditions. Once the part is disabled via the enable input, the
error flag output is not valid. Overvoltage conditions are not
reflected in the error flag output. The error flag output is also
not valid for input voltages less than 2.3V.
The error output has a low voltage of 400mV at a current of
200
µA. In order to minimize the drain on the source used for
the pull-up, a value of 200k to 1M
Ω is suggested for the error
flag pull-up. This will guarantee a maximum low voltage of
0.4V for a 30V pull-up potential. An unused error flag can be
left unconnected.
NOT
VALID
NOT
VALID
VALID ERROR
Error FLAG
Output
Input
Voltage
Output
Voltage
4.75V
0V
0V
5V
1.3V
Figure 3. Error FLAG Output Timing
Thermal Shutdown
The MIC5239 has integrated thermal protection. This feature
is only for protection purposes. The device should never be
intentionally operated near this temperature as this may have
detrimental effects on the life of the device. The thermal
shutdown may become inactive while the enable input is
transitioning a high to a low. When disabling the device via the
enable pin, transition from a high to low quickly. This will
insure that the output remains disabled in the event of a
thermal shutdown.
Current Limit
Figure 4 displays a method for reducing the steady state
short circuit current. The duration that the supply delivers
current is set by the time required for the error flag output to
discharge the 4.7
µF capacitor tied to the enable pin. The off
time is set by the 200K resistor as it recharges the 4.7
µF
capacitor, enabling the regulator. This circuit reduces the
short circuit current from 800mA to 40mA while allowing for
regulator restart once the short is removed.
COUT
VOUT
VIN
5V
VERR
IN
MIC5239
EN
200k
1N4148
200k
4.7
µF
OUT
GND
SHUTDOWN
ENABLE
FLG
Figure 4. Remote Enable with Short-Circuit
Current Foldback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com