Electronic Components Datasheet Search
  English  ▼

X  

MIC5239 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC5239
Description  Low Quiescent Current 500mA UCap LDO Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5239 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC5239 Datasheet HTML 1Page - Micrel Semiconductor MIC5239 Datasheet HTML 2Page - Micrel Semiconductor MIC5239 Datasheet HTML 3Page - Micrel Semiconductor MIC5239 Datasheet HTML 4Page - Micrel Semiconductor MIC5239 Datasheet HTML 5Page - Micrel Semiconductor MIC5239 Datasheet HTML 6Page - Micrel Semiconductor MIC5239 Datasheet HTML 7Page - Micrel Semiconductor MIC5239 Datasheet HTML 8Page - Micrel Semiconductor MIC5239 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
January 2002
5
MIC5239
MIC5239
Micrel
Typical Characteristics (V
O = 3V)
0
10
20
30
40
50
60
0.01
0.1
1
10
100
1000
FREQUENCY (Hz)
Power Supply
Rejection Ratio
I
LOAD = 500mA
0
50
100
150
200
250
300
350
400
450
0
100
200
300
400
500
OUTPUT CURRENT (mA)
Dropout Voltage
vs. Output Current
0
100
200
300
400
500
600
-40 -20 0
20 40 60 80 100 120
TEMPERATURE (
°C)
Dropout Voltage
vs. Temperature
I
OUT = 500mA
0
0.5
1
1.5
2
2.5
3
3.5
0 0.5 1 1.5 2 2.5 3 3.5 4
INPUT VOLTAGE (V)
Dropout
Characteristics
I
LOAD = 100µA
I
LOAD = 250mA
I
LOAD = 500mA
0
1000
2000
3000
4000
5000
6000
7000
8000
9000
0
100
200
300
400
500
OUTPUT CURRENT (mA)
Ground Pin Current
vs. Output Current
V
IN = 4V
10
12
14
16
18
20
22
24
26
28
30
0
100
200
300
400
500
OUTPUT CURRENT (
µA)
Ground Pin Current
vs. Output Current
V
IN = 24V
V
IN = 12V
V
IN = 4V
V
IN = 30V
50
55
60
65
70
75
80
-40 -20
0
20 40 60 80 100 120
TEMPERATURE (
°C)
Ground Pin Current
vs. Temperature
I
LOAD = 10mA
2
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3
-40 -20
0
20 40 60 80 100 120
TEMPERATURE (
°C)
Ground Pin Current
vs. Temperature
I
LOAD = 250mA
7.5
8
8.5
9
9.5
10
10.5
-40 -20 0
20 40 60 80 100 120
TEMPERATURE (
°C)
Ground Pin Current
vs. Temperature
I
LOAD = 500mA
0
10
20
30
40
50
60
70
80
90
100
1.5
2
2.5
3
3.5
4
INPUT VOLTAGE (V)
Ground Pin Current
vs. Input Voltage
I
OUT = 10mA
I
OUT = 1mA
I
OUT = 100µA
I
OUT = 10µA
0.4
2.4
4.4
6.4
8.4
10.4
12.4
14.4
1.5
2
2.5
3
3.5
4
INPUT VOLTAGE (V)
Ground Pin Current
vs. Input Voltage
I
OUT=500mA
I
OUT = 250mA
10
15
20
25
30
35
40
4
9
14
19
24
29
INPUT VOLTAGE (V)
Ground Pin Current
vs. Input Voltage
I
OUT = 10µA
I
OUT = 1mA
I
OUT = 100µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com