Electronic Components Datasheet Search
  English  ▼

X  

MIC5239 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC5239
Description  Low Quiescent Current 500mA UCap LDO Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5239 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC5239 Datasheet HTML 1Page - Micrel Semiconductor MIC5239 Datasheet HTML 2Page - Micrel Semiconductor MIC5239 Datasheet HTML 3Page - Micrel Semiconductor MIC5239 Datasheet HTML 4Page - Micrel Semiconductor MIC5239 Datasheet HTML 5Page - Micrel Semiconductor MIC5239 Datasheet HTML 6Page - Micrel Semiconductor MIC5239 Datasheet HTML 7Page - Micrel Semiconductor MIC5239 Datasheet HTML 8Page - Micrel Semiconductor MIC5239 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
January 2002
3
MIC5239
MIC5239
Micrel
Absolute Maximum Ratings (Note 1)
Supply Voltage (V
IN) ..................................... –20V to +32V
Enable Input Voltage (V
EN) .......................... –0.3V to +32V
Power Dissipation (P
D), Note 3 ............... Internally Limited
Junction Temperature (T
J) ....................... –40°C to +125°C
Storage Temperature (T
S) ....................... –65°C to +150°C
Lead Temperature (soldering, 5 sec.) ....................... 260
°C
ESD Rating, Note 4
Operating Ratings (Note 2)
Supply Voltage (V
IN) ........................................ 2.3V to 30V
Enable Input Voltage (V
EN) ................................. 0V to 30V
Junction Temperature (T
J) ....................... –40°C to +125°C
Package Thermal Resistance
MSOP
(θ
JA) ......................................................... 80°C/W
SOT-223
(θ
JA) ..................................................... 50°C/W
Electrical Characteristics
V
IN = VOUT + 1V; VEN ≥ 2.0V; IOUT = 100µA; TJ = 25°C, bold values indicate –40°C ≤ TJ ≤ +125°C; unless noted.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
OUT
Output Voltage Accuracy
variation from nominal V
OUT
–11
%
–2+2
%
∆V
OUT/VOUT
Line Regulation
V
IN = VOUT + 1V to 30V
0.06
0.5
%
∆V
OUT/VOUT
Load Regulation
I
OUT = 100µA to 500mA, Note 5
0.5
1
%
∆V
Dropout Voltage, Note 6
I
OUT = 100µA50
mV
I
OUT = 150mA
260
350
mV
400
mV
I
OUT = 500mA
350
mV
I
GND
Ground Pin Current
V
EN ≥ 2.0V, IOUT = 100µA23
40
µA
45
µA
V
EN ≥ 2.0V, IOUT = 150mA
1.3
5
mA
V
EN ≥ 2.0V, IOUT = 500mA
8.5
15
mA
I
GND(SHDN)
Ground Pin in Shutdown
V
EN ≤ 0.6V, VIN = 30V
0.1
1
µA
I
SC
Short Circuit Current
V
OUT = 0V
850
1200
mA
e
n
Output Noise
10Hz to 100kHz, V
OUT = 3.0V, CL = 3.3µF160
µVrms
FLAG Output
V
FLG
Low Threshold
% of V
OUT
94
%
High Threshold
% of V
OUT
95
%
V
OL
FLAG Output Low Voltage
V
IN = VOUT(nom) – 0.12VOUT, IOL = 200µA150
mV
I
LEAK
FLAG Output Leakage
V
OH = 30V
0.1
µA
Enable Input
V
IL
Input Low Voltage
regulator off
0.6
V
V
IH
Input High Voltage
regulator on
2.0
V
I
IN
Enable Input Current
V
EN = 0.6V, regulator off
–1.0
0.01
1.0
µA
–2.0
2.0
µA
V
EN = 2.0V, regulator on
0.15
1.0
µA
2.0
µA
V
EN = 30V, regulator on
0.5
2.5
µA
5.0
µA
Note 1.
Exceeding the absolute maximum rating may damage the device.
Note 2.
The device is not guaranteed to function outside its operating rating.
Note 3:
The maximum allowable power dissipation of any T
A (ambient temperature) is PD(max) = (TJ(max) – TA) ÷ θJA. Exceeding the maximum
allowable power dissipation will result in excessive die termperature, and the regulator will go into thermal shutdown. The
θ
JA of the MIC5239-
x.xBMM (all versions) is 80
°C/W, the MIC5239-x.xBM (all versions) is 63°C/W, and the MIC5239-x.xBS (all versions) is 50°C/W mounted on a
PC board (see “Thermal Characteristics” for further details).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com