Electronic Components Datasheet Search
  English  ▼

X  

MIC5239 Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC5239
Description  Low Quiescent Current 500mA UCap LDO Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5239 Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC5239 Datasheet HTML 4Page - Micrel Semiconductor MIC5239 Datasheet HTML 5Page - Micrel Semiconductor MIC5239 Datasheet HTML 6Page - Micrel Semiconductor MIC5239 Datasheet HTML 7Page - Micrel Semiconductor MIC5239 Datasheet HTML 8Page - Micrel Semiconductor MIC5239 Datasheet HTML 9Page - Micrel Semiconductor MIC5239 Datasheet HTML 10Page - Micrel Semiconductor MIC5239 Datasheet HTML 11Page - Micrel Semiconductor MIC5239 Datasheet HTML 12Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
January 2002
9
MIC5239
MIC5239
Micrel
Thermal Characteristics
The MIC5239 is a high input voltage device, intended to
provide 500mA of continuous output current in two very small
profile packages. The power MSOP-8 allow the device to
dissipate about 50% more power than their standard equiva-
lents.
Power MSOP-8 Thermal Characteristics
One of the secrets of the MIC5239’s performance is its power
MSOP-8 package featuring half the thermal resistance of a
standard MSOP-8 package. Lower thermal resistance means
more output current or higher input voltage for a given
package size.
Lower thermal resistance is achieved by joining the four
ground leads with the die attach paddle to create a single-
piece electrical and thermal conductor. This concept has
been used by MOSFET manufacturers for years, proving
very reliable and cost effective for the user.
Thermal resistance consists of two main elements,
θ
JC
(junction-to-case thermal resistance) and
θ
CA (case-to-ambi-
ent thermal resistance). See Figure 5.
θ
JC is the resistance
from the die to the leads of the package.
θ
CA is the resistance
from the leads to the ambient air and it includes
θ
CS (case-to-
sink thermal resistance) and
θ
SA (sink-to-ambient thermal
resistance).
θ
JA
θ
JC
θ
CA
printed circuit board
ground plane
heat sink area
MSOP-8
AMBIENT
Figure 5. Thermal Resistance
Using the power MSOP-8 reduces the
θ
JC dramatically and
allows the user to reduce
θ
CA. The total thermal resistance,
θ
JA (junction-to-ambient thermal resistance) is the limiting-
factor in calculating the maximum power dissipation capabil-
ity of the device. Typically, the power MSOP-8 has a
θ
JC of
80
°C/W, this is significantly lower than the standard MSOP-8
which is typically 200
°C/W. θ
CA is reduced because pins 5
through 8 can now be soldered directly to a ground plane
which significantly reduces the case-to-sink thermal resis-
tance and sink to ambient thermal resistance.
Low-dropout linear regulators from Micrel are rated to a
maximum junction temperature of 125
°C. It is important not
to exceed this maximum junction temperature during opera-
tion of the device. To prevent this maximum junction tempera-
ture from being exceeded, the appropriate ground plane heat
sink must be used.
0
100
200
300
400
500
600
700
800
900
0
0.25 0.50 0.75 1.00 1.25 1.50
POWER DISSIPATION (W)
Figure 6. Copper Area vs. Power-MSOP
Power Dissipation
(∆
(∆
(∆
(∆
(∆T
JA)
Figure 6 shows copper area versus power dissipation with
each trace corresponding to a different temperature rise
above ambient.
From these curves, the minimum area of copper necessary
for the part to operate safely can be determined. The maxi-
mum allowable temperature rise must be calculated to deter-
mine operation along which curve.
∆T = T
J(max) – TA(max)
T
J(max) = 125°C
T
A(max) = maximum ambient operating temperature
For example, the maximum ambient temperature is 50
°C, the
∆T is determined as follows:
∆T = 125°C – 50°C
∆T = 75°C
Using Figure 6, the minimum amount of required copper can
be determined based on the required power dissipation.
Power dissipation in a linear regulator is calculated as fol-
lows:
P
D = (VIN – VOUT) IOUT + VIN · IGND
If we use a 3V output device and a 28V input at moderate
output current of 25mA, then our power dissipation is as
follows:
P
D = (28V – 3V) × 25mA + 28V × 250µA
P
D = 625mW + 7mW
P
D = 632mW
From Figure 6, the minimum amount of copper required to
operate this application at a
∆T of 75°C is 110mm2.
Quick Method
Determine the power dissipation requirements for the design
along with the maximum ambient temperature at which the
device will be operated. Refer to Figure 7, which shows safe
operating curves for three different ambient temperatures:
25
°C, 50°C and 85°C. From these curves, the minimum
amount of copper can be determined by knowing the maxi-
mum power dissipation required. If the maximum ambient
temperature is 50
°C and the power dissipation is as above,
639mW, the curve in Figure 7 shows that the required area of
copper is 110mm2.
The
θ
JA of this package is ideally 80°C/W, but it will vary
depending upon the availability of copper ground plane to
which it is attached.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com