Electronic Components Datasheet Search
  English  ▼

X  

MIC5239 Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # MIC5239
Description  Low Quiescent Current 500mA UCap LDO Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5239 Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button MIC5239 Datasheet HTML 4Page - Micrel Semiconductor MIC5239 Datasheet HTML 5Page - Micrel Semiconductor MIC5239 Datasheet HTML 6Page - Micrel Semiconductor MIC5239 Datasheet HTML 7Page - Micrel Semiconductor MIC5239 Datasheet HTML 8Page - Micrel Semiconductor MIC5239 Datasheet HTML 9Page - Micrel Semiconductor MIC5239 Datasheet HTML 10Page - Micrel Semiconductor MIC5239 Datasheet HTML 11Page - Micrel Semiconductor MIC5239 Datasheet HTML 12Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
January 2002
11
MIC5239
MIC5239
Micrel
Package Information
16
°
10
°
0.84 (0.033)
0.64 (0.025)
1.04 (0.041)
0.85 (0.033)
2.41 (0.095)
2.21 (0.087)
4.7 (0.185)
4.5 (0.177)
6.70 (0.264)
6.30 (0.248)
7.49 (0.295)
6.71 (0.264)
3.71 (0.146)
3.30 (0.130)
3.15 (0.124)
2.90 (0.114)
10
°
MAX
0.10 (0.004)
0.02 (0.0008)
0.38 (0.015)
0.25 (0.010)
C
L
DIMENSIONS:
MM (INCH)
C
L
1.70 (0.067)
1.52 (0.060)
0.91 (0.036) MIN
SOT-223 (S)
0.008 (0.20)
0.004 (0.10)
0.039 (0.99)
0.035 (0.89)
0.021 (0.53)
0.012 (0.03) R
0.0256 (0.65) TYP
0.012 (0.30) R
5
° MAX
0
° MIN
0.122 (3.10)
0.112 (2.84)
0.120 (3.05)
0.116 (2.95)
0.012 (0.03)
0.007 (0.18)
0.005 (0.13)
0.043 (1.09)
0.038 (0.97)
0.036 (0.90)
0.032 (0.81)
DIMENSIONS:
INCH (MM)
0.199 (5.05)
0.187 (4.74)
8-Lead MSOP (MM)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com