Electronic Components Datasheet Search
  English  ▼

X  

MIC5239 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC5239
Description  Low Quiescent Current 500mA UCap LDO Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5239 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC5239 Datasheet HTML 1Page - Micrel Semiconductor MIC5239 Datasheet HTML 2Page - Micrel Semiconductor MIC5239 Datasheet HTML 3Page - Micrel Semiconductor MIC5239 Datasheet HTML 4Page - Micrel Semiconductor MIC5239 Datasheet HTML 5Page - Micrel Semiconductor MIC5239 Datasheet HTML 6Page - Micrel Semiconductor MIC5239 Datasheet HTML 7Page - Micrel Semiconductor MIC5239 Datasheet HTML 8Page - Micrel Semiconductor MIC5239 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
January 2002
1
MIC5239
MIC5239
Micrel
MIC5239
Low Quiescent Current 500mA
µCap LDO Regulator
Advance Information
General Description
The MIC5239 is a low quiescent current,
µCap low-dropout
regulator. With a maximum operating input voltage of 30V
and a quiescent current of 23
µA, it is ideal for supplying keep-
alive power in systems with high-voltage batteries.
Capable of 500mA output, the MIC5239 has a dropout
voltage of only 350mV. It can provide high output current for
applications such as USB.
As a
µCap LDO, the MIC5239 is stable with either a ceramic
or a tantalum output capacitor. It only requires a 3.3
µF output
capacitor for stability.
The MIC5239 includes a logic compatible enable input and an
undervoltage error flag indicator. Other features of the
MIC5239 include thermal shutdown, current-limit, overvolt-
age shutdown, load-dump protection, reverse leakage pro-
tections, and reverse battery protection.
Available in the thermally enhanced SOIC-8, MSOP-8 and
SOT-223, the MIC5239 comes in fixed 3.0V and adjustable
voltages. For other output voltages, contact Micrel.
Typical Application
IGND = 23µA
VOUT
3.0V/100
µA
VIN
30V
IN
MIC5239
EN
OUT
GND
FLG
Regulator with Low I
O and Low IQ
Features
• Ultra-low quiescent current (I
Q = 23µA @IO = 100µA)
• Continuious 500mA output current
• Wide input range: 2.3V to 30V
• Low dropout voltage:
350mV @500mA;
•
±1.0% initial output accuracy
• Stable with ceramic or tantalum output capacitor
• Logic compatible enable input
• Low output voltage error flag indicator
• Overcurrent protection
• Thermal shutdown
• Reverse-leakage protection
• Reverse-battery protection
• High-power SOIC-8, MSOP-8 and SOT-223 packages
Applications
• USB power supply
• Keep-alive supply in notebook and portable personal
computers
• Logic supply from high-voltage batteries
• Automotive electronics
• Battery-powered systems
Micrel, Inc. • 1849 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 944-0970 • http://www.micrel.com
Ground Current vs. Input Voltage
10
15
20
25
30
35
40
4
9
14
19
24
29
INPUT VOLTAGE (V)
I
OUT = 10µA
I
OUT = 1mA
I
OUT = 100µA


Similar Part No. - MIC5239

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5239-1.5BM MICREL-MIC5239-1.5BM Datasheet
773Kb / 14P
Low Quiescent Current 500mA 關Cap LDO Regulator
MIC5239-1.5BMM MICREL-MIC5239-1.5BMM Datasheet
773Kb / 14P
Low Quiescent Current 500mA 關Cap LDO Regulator
MIC5239-1.5BS MICREL-MIC5239-1.5BS Datasheet
773Kb / 14P
Low Quiescent Current 500mA 關Cap LDO Regulator
MIC5239-1.5YM MICREL-MIC5239-1.5YM Datasheet
773Kb / 14P
Low Quiescent Current 500mA 關Cap LDO Regulator
MIC5239-1.5YMM MICREL-MIC5239-1.5YMM Datasheet
773Kb / 14P
Low Quiescent Current 500mA 關Cap LDO Regulator
More results

Similar Description - MIC5239

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5235 MICREL-MIC5235 Datasheet
65Kb / 9P
Ultra-Low Quiescent Current, 150mA UCap LDO Regulator
MIC5238 MICREL-MIC5238 Datasheet
120Kb / 10P
Ultra-Low Quiescent Current, 150mA uCap LDO Regulator
MIC5319 MICREL-MIC5319 Datasheet
319Kb / 10P
500mA uCap Ultra-Low Dropout, High PSRR LDO Regulator
MIC5232 MICREL-MIC5232 Datasheet
310Kb / 10P
10mA Ultra-Low Quiescent Current uCap LDO
MIC5239 MICREL-MIC5239_07 Datasheet
773Kb / 14P
Low Quiescent Current 500mA 關Cap LDO Regulator
logo
Taiwan Semiconductor Co...
TS9013 TSC-TS9013_11 Datasheet
111Kb / 5P
500mA Low Quiescent Current CMOS LDO
TS3480 TSC-TS3480_08 Datasheet
91Kb / 5P
Low Quiescent Current LDO Voltage Regulator
TS9013 TSC-TS9013_13 Datasheet
111Kb / 5P
500mA Low Quiescent Current CMOS LDO
TS9013 TSC-TS9013_14 Datasheet
107Kb / 5P
500mA Low Quiescent Current CMOS LDO
logo
Microchip Technology
MCP1710 MICROCHIP-MCP1710 Datasheet
959Kb / 24P
Ultra Low Quiescent Current LDO Regulator
01/27/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com