Electronic Components Datasheet Search
  English  ▼

X  

MIC5239 Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MIC5239
Description  Low Quiescent Current 500mA UCap LDO Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5239 Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MIC5239 Datasheet HTML 4Page - Micrel Semiconductor MIC5239 Datasheet HTML 5Page - Micrel Semiconductor MIC5239 Datasheet HTML 6Page - Micrel Semiconductor MIC5239 Datasheet HTML 7Page - Micrel Semiconductor MIC5239 Datasheet HTML 8Page - Micrel Semiconductor MIC5239 Datasheet HTML 9Page - Micrel Semiconductor MIC5239 Datasheet HTML 10Page - Micrel Semiconductor MIC5239 Datasheet HTML 11Page - Micrel Semiconductor MIC5239 Datasheet HTML 12Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MIC5239
Micrel
MIC5239
10
January 2002
0
100
200
300
400
500
600
700
800
900
0
0.25 0.50 0.75 1.00 1.25 1.50
POWER DISSIPATION (W)
85
°C
50
°C 25°C
T
J
= 125
°C
Figure 7. Copper Area vs. Power-MSOP
Power Dissipation (T
A)
0
100
200
300
400
500
600
700
800
900
0
0.25 0.50 0.75 1.00 1.25 1.50
POWER DISSIPATION (W)
∆T
JA =
Figure 8. Copper Area vs. Power-SOIC
Power Dissipation (
∆∆∆∆∆T
JA)
0
100
200
300
400
500
600
700
800
900
0
0.25 0.50 0.75 1.00 1.25 1.50
POWER DISSIPATION (W)
85
°C
50
°C 25°C
T
J
= 125
°C
Figure 9. Copper Area vs. Power-SOIC
Power Dissipation (T
A)
The same method of determining the heat sink area used for
the power-MSOP-8 can be applied directly to the power-
SOIC-8. The same two curves showing power dissipation
versus copper area are reproduced for the power-SOIC-8
and they can be applied identically.
Power SOIC-8 Thermal Characteristics
The power-SOIC-8 package follows the same idea as the
power-MSOP-8 package, using four ground leads with the
die attach paddle to create a single-piece electrical and
thermal conductor, reducing thermal resistance and increas-
ing power dissipation capability.
Quick Method
Determine the power dissipation requirements for the design
along with the maximum ambient temperature at which the
device will be operated. Refer to Figure 9, which shows safe
operating curves for three different ambient temperatures,
25
°C, 50°C, and 85°C. From these curves, the minimum
amount of copper can be determined by knowing the maxi-
mum power dissipation required. If the maximum ambient
temperature is 50
°C, and the power dissipation is 632mW,
the curve in Figure 9 shows that the required area of copper
is less than 100mm2,when using the power SOIC-8.
Adjustable Regulator Application
MIC5239BM/MM
EN
GND
OUT
IN
VIN
2
41
3
5-8
V
R1
R2
1
µF
OUT
ADJ
Figure 10. Adjustable Voltage Application
The MIC5239BM can be adjusted from 1.24V to 20V by using
two external resistors (Figure 10). The resistors set the output
voltage based on the following equation:
V
OUT = VREF (1 +
R
R
1
2
)
Where V
REF = 1.23V.
Feeback resistor R2 should be no larger than 300k
Ω.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com