Electronic Components Datasheet Search
  English  ▼

X  

TW2802 Datasheet(PDF) 45 Page - List of Unclassifed Manufacturers

Part # TW2802
Description  TW2802/4 Multiple Video Decoder For Security Applications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TW2802 Datasheet(HTML) 45 Page - List of Unclassifed Manufacturers

Back Button TW2802 Datasheet HTML 41Page - List of Unclassifed Manufacturers TW2802 Datasheet HTML 42Page - List of Unclassifed Manufacturers TW2802 Datasheet HTML 43Page - List of Unclassifed Manufacturers TW2802 Datasheet HTML 44Page - List of Unclassifed Manufacturers TW2802 Datasheet HTML 45Page - List of Unclassifed Manufacturers TW2802 Datasheet HTML 46Page - List of Unclassifed Manufacturers TW2802 Datasheet HTML 47Page - List of Unclassifed Manufacturers TW2802 Datasheet HTML 48Page - List of Unclassifed Manufacturers TW2802 Datasheet HTML 49Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 80 page
background image
Preliminary
TW2804/TW2802 Multiple Video Decoder
Techwell, Inc.
www.techwellinc.com
Datasheet Rev. 2.4
09/09/2003
45
Peaking and Color Killer Control
CH Index
[7]
[6]
[5]
[4]
[3]
[2]
[1]
[0]
1
0x14
2
0x54
3
0x94
4
0xD4
YPEAK_Y
YPEAK_X
0
0
CKIL
YPEAK_Y
Control the luminance peaking for SCALER Y path
0
No peaking (default)
1
31.25%
2
62.5%
3
93.75%
YPEAK_X
Control the luminance peaking for SCALER X path
0
No peaking (default)
1
31.25%
2
62.5%
3
93.75%
CKIL
Control the color killing mode
0,1 Auto detection mode (default)
2
Color is always alive
3
Color is always killed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com