Electronic Components Datasheet Search
  English  ▼

X  

TW2802 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # TW2802
Description  TW2802/4 Multiple Video Decoder For Security Applications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TW2802 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  TW2802 Datasheet HTML 1Page - List of Unclassifed Manufacturers TW2802 Datasheet HTML 2Page - List of Unclassifed Manufacturers TW2802 Datasheet HTML 3Page - List of Unclassifed Manufacturers TW2802 Datasheet HTML 4Page - List of Unclassifed Manufacturers TW2802 Datasheet HTML 5Page - List of Unclassifed Manufacturers TW2802 Datasheet HTML 6Page - List of Unclassifed Manufacturers TW2802 Datasheet HTML 7Page - List of Unclassifed Manufacturers TW2802 Datasheet HTML 8Page - List of Unclassifed Manufacturers TW2802 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 80 page
background image
Preliminary
TW2804/TW2802 Multiple Video Decoder
Techwell, Inc.
www.techwellinc.com
Datasheet Rev. 2.4
09/09/2003
5
Pin Diagram
TW280X
(128QFP)
39
VSS
40
VD2[3]
41
VD2[2]
42
VSS
43
VD2[1]
44
VD2[0]
45
VDDO
46
NVMD3
47
FLD3
48
VDD
49
VS3
50
HS3
51
VSS
52
ACTIVE3
53
VALID3
54
VSS
55
VD3[7]
56
VD3[6]
57
VSS
58
VD3[5]
59
VD3[4]
60
VDD
61
VD3[3]
62
VD3[2]
63
VSS
64
VD3[1]
128
VSSAD
127
VDDA
126
VIN4B
125
VIN4A
124
VSSA
123
VSSA
122
VIN3B
121
VIN3A
120
VDDA
119
VDDA
118
VIN2B
117
VIN2A
116
VSSA
115
VSSA
114
VIN1B
113
VIN1A
112
VDDA
111
VDDAD
110
HSPB
109
HCSB
108
VSS
107
HALE
106
HRDB
105
VDDO
104
HWRB
103
IRQ
39
VSS
42
VSS
45
VDDO
48
VDD
39
VSS
42
VSS
45
VDDO
Analog Pin
(4 ADC)
Pin Description
Analog Interface Pins
Name
Number
Type
Description
VIN1A
113
A
Composite video input A of Channel 1.
Must be connected through 2.2uF cap to input.
VIN1B
114
A
Composite video input B of Channel 1.
Must be connected through 2.2uF cap to input.
VIN2A
117
A
Composite video input A of Channel 2.
Must be connected through 2.2uF cap to input.
VIN2B
118
A
Composite video input B of Channel 2.
Must be connected through 2.2uF cap to input.
VIN3A
121
A
Composite video input A of Channel 3.
Must be connected through 2.2uF cap to input.
VIN3B
122
A
Composite video input B of Channel 3.
Must be connected through 2.2uF cap to input.
VIN4A
125
A
Composite video input A of Channel 4.
Must be connected through 2.2uF cap to input.
VIN4B
126
A
Composite video input B of Channel 4.
Must be connected through 2.2uF cap to input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com