Electronic Components Datasheet Search
  English  ▼

X  

TW2802 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # TW2802
Description  TW2802/4 Multiple Video Decoder For Security Applications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TW2802 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button TW2802 Datasheet HTML 8Page - List of Unclassifed Manufacturers TW2802 Datasheet HTML 9Page - List of Unclassifed Manufacturers TW2802 Datasheet HTML 10Page - List of Unclassifed Manufacturers TW2802 Datasheet HTML 11Page - List of Unclassifed Manufacturers TW2802 Datasheet HTML 12Page - List of Unclassifed Manufacturers TW2802 Datasheet HTML 13Page - List of Unclassifed Manufacturers TW2802 Datasheet HTML 14Page - List of Unclassifed Manufacturers TW2802 Datasheet HTML 15Page - List of Unclassifed Manufacturers TW2802 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 80 page
background image
Preliminary
TW2804/TW2802 Multiple Video Decoder
Techwell, Inc.
www.techwellinc.com
Datasheet Rev. 2.4
09/09/2003
12
Luminance Processing
The luminance signal is separated by adaptive comb or trap filter is then fed to a peaking circuit.
The peaking filter enhances the high frequency components of the luminance signal. Fig. 4
shows the characteristics of the peaking filter for four different gain modes. The picture contrast
and brightness adjustment is provided through CONT (0x11, 0x51, 0x91, 0xD1) and BRT (0x12,
0x52, 0x92, 0xD2) registers. The contrast adjustment range is from approximately 0 to 200
percent, and the brightness adjustment is in the range of ±25 IRE. Moreover, a high frequency
coring function is also embedded in TW280X to minimize a high frequency noise. The coring
level is adjustable through the Y_H_CORE (0xF8) register.
0
1
2
3
4
5
6
x 10
6
0
1
2
3
4
5
6
Frequency (Hertz)
Fig. 4. The Characteristic of Luminance Peaking filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com