Electronic Components Datasheet Search
  English  ▼

X  

TW2802 Datasheet(PDF) 61 Page - List of Unclassifed Manufacturers

Part # TW2802
Description  TW2802/4 Multiple Video Decoder For Security Applications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TW2802 Datasheet(HTML) 61 Page - List of Unclassifed Manufacturers

Back Button TW2802 Datasheet HTML 57Page - List of Unclassifed Manufacturers TW2802 Datasheet HTML 58Page - List of Unclassifed Manufacturers TW2802 Datasheet HTML 59Page - List of Unclassifed Manufacturers TW2802 Datasheet HTML 60Page - List of Unclassifed Manufacturers TW2802 Datasheet HTML 61Page - List of Unclassifed Manufacturers TW2802 Datasheet HTML 62Page - List of Unclassifed Manufacturers TW2802 Datasheet HTML 63Page - List of Unclassifed Manufacturers TW2802 Datasheet HTML 64Page - List of Unclassifed Manufacturers TW2802 Datasheet HTML 65Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 80 page
background image
Preliminary
TW2804/TW2802 Multiple Video Decoder
Techwell, Inc.
www.techwellinc.com
Datasheet Rev. 2.4
09/09/2003
61
U Gain
Index
[7]
[6]
[5]
[4]
[3]
[2]
[1]
[0]
0x3C
U_GAIN[7:0]
U_GAIN
Adjust gain for U (or Cb) component. The resolution is 0.8% / LSB.
0
0 %
:
:
128
100 % (default)
:
:
255
200 %
V Gain
Index
[7]
[6]
[5]
[4]
[3]
[2]
[1]
[0]
0x3D
V_GAIN[7:0]
V_GAIN
Adjust gain for V (or Cr) component. The resolution is 0.8% / LSB.
0
0 %
:
:
128
100 % (default)
:
:
255
200 %



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com