Electronic Components Datasheet Search
  English  ▼

X  

TW2802 Datasheet(PDF) 71 Page - List of Unclassifed Manufacturers

Part # TW2802
Description  TW2802/4 Multiple Video Decoder For Security Applications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TW2802 Datasheet(HTML) 71 Page - List of Unclassifed Manufacturers

Back Button TW2802 Datasheet HTML 67Page - List of Unclassifed Manufacturers TW2802 Datasheet HTML 68Page - List of Unclassifed Manufacturers TW2802 Datasheet HTML 69Page - List of Unclassifed Manufacturers TW2802 Datasheet HTML 70Page - List of Unclassifed Manufacturers TW2802 Datasheet HTML 71Page - List of Unclassifed Manufacturers TW2802 Datasheet HTML 72Page - List of Unclassifed Manufacturers TW2802 Datasheet HTML 73Page - List of Unclassifed Manufacturers TW2802 Datasheet HTML 74Page - List of Unclassifed Manufacturers TW2802 Datasheet HTML 75Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 80 page
background image
Preliminary
TW2804/TW2802 Multiple Video Decoder
Techwell, Inc.
www.techwellinc.com
Datasheet Rev. 2.4
09/09/2003
71
Parametric Information
DC Electrical Parameters
Table 7 Absolute Maximum Ratings
Parameter
Symbol
Min
Typ
Max
Units
VDDA (measured to VSSA)
VDDAM
3.5
V
VDD (measured to VSS)
VDDIM
3.5
V
VDDO (measured to VSS)
VDDOM
4.6
V
Voltage on any signal pin
(See the note below)
-
VSS–0.5
VDDO+0.5
V
Analog Input Voltage
-
VSSA–0.5
VDDA+0.5
V
Storage Temperature
TS
– 65
150
°
C
Junction Temperature
TJ
0
125
°
C
Vapor Phase Soldering (15 Seconds)
TVSOL
220
°
C
NOTE: Long-term exposure to absolute maximum ratings may affect device reliability, and
permanent damage may occur if operate exceeding the rating. The device should be
operated under recommended operating condition.
Table 8 Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Units
VDDA (measured to VSSA)
VDDA
2.25
2.5
2.75
V
VDD (measured to VSS)
VDDI
2.25
2.5
2.75
V
VDDO (measured to VSS)
VDDO
3.0
3.3
3.6
V
Maximum |VDDI – VDDA|
0.3
V
Maximum |VDDO – VDDA|
1.05
V
Maximum |VDDO – VDDI|
1.05
V
Analog VIN Amplitude Range
(AC coupling required)
0.5
1.0
2.0
V
Ambient Operating Temperature
TA
0
70
°
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com