Electronic Components Datasheet Search
  English  ▼

X  

TW2802 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # TW2802
Description  TW2802/4 Multiple Video Decoder For Security Applications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TW2802 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button TW2802 Datasheet HTML 3Page - List of Unclassifed Manufacturers TW2802 Datasheet HTML 4Page - List of Unclassifed Manufacturers TW2802 Datasheet HTML 5Page - List of Unclassifed Manufacturers TW2802 Datasheet HTML 6Page - List of Unclassifed Manufacturers TW2802 Datasheet HTML 7Page - List of Unclassifed Manufacturers TW2802 Datasheet HTML 8Page - List of Unclassifed Manufacturers TW2802 Datasheet HTML 9Page - List of Unclassifed Manufacturers TW2802 Datasheet HTML 10Page - List of Unclassifed Manufacturers TW2802 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 80 page
background image
Preliminary
TW2804/TW2802 Multiple Video Decoder
Techwell, Inc.
www.techwellinc.com
Datasheet Rev. 2.4
09/09/2003
7
System Control Pins
Name
Number
Type
Description
RSTB
2
I
System reset.
CLK54I
89
I
54MHz system clock input.
CLK27O
88
O
27MHz Clock output.
TEST
1
I
Test pin. Connect to ground.
HSPB
110
I
Select Serial/Parallel host interface.
HCSB
109
I
Chip select for parallel interface.
Slaver address [0] for serial interface.
HALE
107
I
Address line enable for parallel interface.
Serial clock for serial interface.
HRDB
106
I
Read enable for parallel interface.
Ground for serial interface.
HWRB
104
I
Write enable for parallel interface.
Ground for serial interface.
HDAT [7:0]
91,92,94,95,
97,98,100,101
I/O
Data bus for parallel interface.
HDAT [7] is serial data for serial interface.
HDAT [6:1] is slaver address [6:1] for serial
interface. HCSB is slaver address [0].
IRQ
103
O
Interrupt request by video loss and Motion
detection
Power/Ground Pins
Name
Number
Type
Description
VDD
9,21,33,48,60,
72,90,102
P
Digital power for internal logic. 2.5V.
VDDO
6,24,45,
66,84,105
P
Digital power for output driver. 3.3V.
VSS
3,12,15,18, 27,
30,36,39,42,51,
54,57,63,69,75,
78,81,87,93,96,
99,108
G
Digital ground.
VDDA
112,119,120,127
P
Analog power. 2.5V.
VSSA
115,116,123,124
G
Analog ground.
VDDAD
111
P
Analog digital power. 2.5V.
VSSAD
128
G
Analog digital ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com