Electronic Components Datasheet Search
  English  ▼

X  

TW2802 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # TW2802
Description  TW2802/4 Multiple Video Decoder For Security Applications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TW2802 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button TW2802 Datasheet HTML 9Page - List of Unclassifed Manufacturers TW2802 Datasheet HTML 10Page - List of Unclassifed Manufacturers TW2802 Datasheet HTML 11Page - List of Unclassifed Manufacturers TW2802 Datasheet HTML 12Page - List of Unclassifed Manufacturers TW2802 Datasheet HTML 13Page - List of Unclassifed Manufacturers TW2802 Datasheet HTML 14Page - List of Unclassifed Manufacturers TW2802 Datasheet HTML 15Page - List of Unclassifed Manufacturers TW2802 Datasheet HTML 16Page - List of Unclassifed Manufacturers TW2802 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 80 page
background image
Preliminary
TW2804/TW2802 Multiple Video Decoder
Techwell, Inc.
www.techwellinc.com
Datasheet Rev. 2.4
09/09/2003
13
Chrominance Processing
Chrominance Demodulation
The chrominance demodulation is done by first quadrature mixing for NTSC and PAL. The
mixing frequency is equal to the sub-carrier frequency of NTSC and PAL. After the mixing, a
LPF is used to remove 2X carrier signal and yield chrominance components. The LPF
characteristic can be selected for optimized transient color performance. In case of a mistuned
IF source, IF compensation filter makes up for any attenuation at higher frequencies or
asymmetry around the color sub-carrier. The gain for the upper chrominance side band is
controlled by IFCMP_MD (0x13, 0x53, 0x93, 0xD3) register. Fig. 5 and Fig. 6 show the
frequency response of IF-compensation filter and chrominance LPF.
1.5
2
2.5
3
3.5
4
4.5
5
5.5
x 10
6
-15
-10
-5
0
5
10
Frequency (Hertz)
Fig. 5 The Characteristics of IF-compensation Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com