Electronic Components Datasheet Search
  English  ▼

X  

TW2802 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # TW2802
Description  TW2802/4 Multiple Video Decoder For Security Applications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TW2802 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button TW2802 Datasheet HTML 5Page - List of Unclassifed Manufacturers TW2802 Datasheet HTML 6Page - List of Unclassifed Manufacturers TW2802 Datasheet HTML 7Page - List of Unclassifed Manufacturers TW2802 Datasheet HTML 8Page - List of Unclassifed Manufacturers TW2802 Datasheet HTML 9Page - List of Unclassifed Manufacturers TW2802 Datasheet HTML 10Page - List of Unclassifed Manufacturers TW2802 Datasheet HTML 11Page - List of Unclassifed Manufacturers TW2802 Datasheet HTML 12Page - List of Unclassifed Manufacturers TW2802 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 80 page
background image
Preliminary
TW2804/TW2802 Multiple Video Decoder
Techwell, Inc.
www.techwellinc.com
Datasheet Rev. 2.4
09/09/2003
9
Sync Processing
The sync processor of TW280X detects horizontal synchronization and vertical synchronization
signals in the composite. The TW280X utilizes proprietary technology for locking to weak, noisy,
or unstable signals such as those from on air signal and fast forward or backward of VCR
system.
Video Level Adjustment
A patented digital gain and clamp control circuit restores the ac coupled video signal to a fixed
dc level. The clamping circuit provides line-by-line restoration of the video pedestal level to a
fixed dc reference voltage. In no AGC mode, the gain control circuit adjusts only the video sync
gain to achieve desired sync amplitude so that the active video is bypassed regardless of the
gain control. But when AGC mode is enabled, both active video and sync are adjusted by the
gain control. The range of AGC is from –6dB to 18dB approximately.
Horizontal Sync Processing
The horizontal synchronization processing contains a sync separator, a PLL and the related
decision logic. The horizontal sync separator detects the horizontal sync by examining low-pass
filtered video input whose level is lower than a threshold. Additional logic is also used to avoid
false detection on glitches. The horizontal PLL locks onto the extracted horizontal sync in all
conditions to provide jitter free image output. In case the horizontal sync is missing, the PLL is
on free running status that matches the standard raster frequency.
Vertical Sync Processing
The vertical sync separator detects the vertical synchronization pattern in the input video
signals. The field status is determined at vertical synchronization time. When the location of the
detected vertical sync is inline with a horizontal sync, it indicates a frame start or the odd field
start. Otherwise, it indicates an even field.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com